データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ34002RKGR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ34002RKGR
部品情報  2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34002RKGR データシート(HTML) 11 Page - Texas Instruments

Back Button LMZ34002RKGR Datasheet HTML 7Page - Texas Instruments LMZ34002RKGR Datasheet HTML 8Page - Texas Instruments LMZ34002RKGR Datasheet HTML 9Page - Texas Instruments LMZ34002RKGR Datasheet HTML 10Page - Texas Instruments LMZ34002RKGR Datasheet HTML 11Page - Texas Instruments LMZ34002RKGR Datasheet HTML 12Page - Texas Instruments LMZ34002RKGR Datasheet HTML 13Page - Texas Instruments LMZ34002RKGR Datasheet HTML 14Page - Texas Instruments LMZ34002RKGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (kHz)
Gain
Phase
G000
LMZ34002
www.ti.com
SNVS989 – JULY 2013
TYPICAL CHARACTERISTICS (BODE PLOTS) (1)
Figure 25. VIN= 5 V, VOUT= –5 V, IOUT= 0.6 A,
Figure 26. VIN= 5 V, VOUT= –12 V, IOUT= 0.3 A,
COUT= 4 x 22µF ceramic, fSW= 800 kHz
COUT= 4 x 22 µF ceramic, fSW= 800 kHz
Figure 27. VIN= 12 V, VOUT= –5 V, IOUT= 1.6 A,
Figure 28. VIN= 12 V, VOUT= –12 V, IOUT= 0.8 A,
COUT= 4 x 22 µF ceramic, fSW= 800 kHz
COUT= 4 x 22 µF ceramic, fSW= 800 kHz
Figure 29. VIN= 24 V, VOUT= –5 V, IOUT= 2.0 A,
Figure 30. VIN= 24 V, VOUT= –12 V, IOUT= 1.5 A,
COUT= 4 x 22 µF ceramic, fSW= 500 kHz
COUT= 4 x 22 µF ceramic, fSW= 800 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ34002


同様の部品番号 - LMZ34002RKGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

同様の説明 - LMZ34002RKGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ34002 TI-LMZ34002_15 Datasheet
1Mb / 33P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com