データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQA11N90-F109 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQA11N90-F109
部品情報  N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90-F109 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQA11N90-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA11N90-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
©2006 Fairchild Semiconductor Corporation
FQA11N90_F109 Rev. C1
www.fairchildsemi.com
1
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQA11N90_F109
Unit
VDSS
Drain to Source Voltage
900
V
ID
Drain Current
- Continuous (TC = 25oC)
11.4
A
- Continuous (TC = 100oC)
7.2
A
IDM
Drain Current
- Pulsed
(Note 1)
45.6
A
VGSS
Gate to Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1000
mJ
IAR
Avalanche Current
(Note 1)
11.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
30
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation
(TC = 25oC)
300
W
- Derate above 25oC
2.38
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FQA11N90_F109
Unit
RθJC
Thermal Resistance, Junction to Case, Max
0.42
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max
40
oC/W
FQA11N90_F109
N-Channel QFET® MOSFET
900 V, 11.4 A, 960 m
Ω
Features
• 11.4 A, 900 V, RDS(on) = 960 mΩ (Max.) @ VGS = 10 V,
ID = 5.7 A
• Low Gate Charge (Typ. 72 nC)
• Low Crss (Typ. 30 pF)
• 100% Avalanche Tested
• RoHS compliant
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance and
high avalanche energy strength. These devices are suitable
for switched mode power supplies, active power factor
correction (PFC), and electronic lamp ballasts.
TO-3PN
G
D
S
G
S
D


同様の部品番号 - FQA11N90-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
679Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
816Kb / 9P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA11N90 ISC-FQA11N90 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA11N90C FAIRCHILD-FQA11N90C Datasheet
707Kb / 8P
   900V N-Channel MOSFET
More results

同様の説明 - FQA11N90-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com