データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU8N80K5 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STU8N80K5
部品情報  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8N80K5 データシート(HTML) 1 Page - STMicroelectronics

  STU8N80K5 Datasheet HTML 1Page - STMicroelectronics STU8N80K5 Datasheet HTML 2Page - STMicroelectronics STU8N80K5 Datasheet HTML 3Page - STMicroelectronics STU8N80K5 Datasheet HTML 4Page - STMicroelectronics STU8N80K5 Datasheet HTML 5Page - STMicroelectronics STU8N80K5 Datasheet HTML 6Page - STMicroelectronics STU8N80K5 Datasheet HTML 7Page - STMicroelectronics STU8N80K5 Datasheet HTML 8Page - STMicroelectronics STU8N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
March 2013
DocID023544 Rev 4
1/16
16
STP8N80K5,
STU8N80K5
N-channel 800 V, 0.8
Ω typ., 6 A Zener-protected SuperMESH™ 5
Power MOSFET in TO-220 and IPAK packages
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These N-channel Zener-protected Power
MOSFETs are designed using ST’s revolutionary
avalanche-rugged very high voltage
SuperMESH™ 5 technology, based on an
innovative proprietary vertical structure. The
result is a dramatic reduction in on-resistance,
and ultra-low gate charge for applications which
require superior power density and high
efficiency.
D(2,TAB)
G(1)
S(3)
AM01476v1
TO-220
1
2
3
TAB
3
2
1
TAB
IPAK
Order codes
VDS
RDS(on)max.
ID
PTOT
STP8N80K5
800 V
0.95
Ω
6 A
110 W
STU8N80K5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STP8N80K5
8N80K5
TO-220
Tube
STU8N80K5
IPAK
www.st.com


同様の部品番号 - STU8N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STU8N65M5 STMICROELECTRONICS-STU8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
logo
Inchange Semiconductor ...
STU8N65M5 ISC-STU8N65M5 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU8NA80 STMICROELECTRONICS-STU8NA80 Datasheet
71Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
   N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
   N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
More results

同様の説明 - STU8N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.8 廓 typ., 2.5 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
January 2014 Rev 3
STB13N80K5 STMICROELECTRONICS-STB13N80K5 Datasheet
1Mb / 20P
   N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 4.2 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
September 2013 Rev 1
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com