データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS33001 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 TS33001
部品情報  High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TS33001 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS33001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
- 8 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33001/2
Version 1.3
Power Good Output, PG
This is an open drain, active high output. The switched mode output voltage is monitored and the PG line will remain low
until the output voltage reaches the VOUT-UV threshold, approximately 85% of the final regulation output. Once the internal
comparator detects the output voltage is above the desired threshold, an internal 10mSec delay timer is activated and the
PG line is de-asserted to high when this delay timer expires. In the event the output voltage decreases below VOUT-UV, the PG
line will be asserted low immediately and remain low until the output rises above VOUT-UV and the delay timer times out
again. If EN is pulled low, the VCC input undervoltage trips, or Thermal Shutdown is reached, the PG pin will immediately
be pulled low.
nLow Power Mode Output, nLP
This is an input to force the PWM mode when light load is on the output. The PFM low power mode has higher output
voltage ripple, which is some applications may be unacceptable. If low ripple is needed on the output this pin can be tied to
VCC input, or switched above 2.2V during operation to force the device into normal PWM mode.
INTERNAL PROTECTION DETAILS
Internal Current Limit
Current limit is always active when the regulator is enabled. High side current limit will shorten the high side on time and
tri-state the high side. Additionally, low side current limit will protect the low side FET and turn off the switch if current
limit is sensed on the low side switch. Since the output is fully synchronous, the current limit is protected on the low side in
both the positive and negative direction.
Soft Start
Soft start ensures current limit does not prevent regulator startup and minimize overshoot at startup. The typical startup
time is 925us. These values do not change with output voltage, current limit settings, or adjustable/fixed mode. The soft
start is re-triggered with the any rising edge that enables the regulator, including the EN input pins, thermal shutdown, VCC
Undervoltage, or a VCC Power cycle.
Thermal Shutdown
If the temperature of the die exceeds 170C, the VSW outputs will tri-state to protect the device from damage. The PG and all
other protection circuitry will stay active to inform the system of the failure mode. Once the device cools to 160C, the
device will attempt to start up again, following the normal soft start sequence with 10ms delay on PG. If the device reaches
170C, the shutdown/restart sequence will repeat.
Output Overvoltage
If the output of the regulator exceeds 106% of the regulation voltage, the VSW outputs will tri-state to protect the device
from damage. This check occurs at the start of each switching cycle. If it occurs during the middle of a cycle, the switching
for that cycle will complete, and the VSW outputs will tri-state at the beginning of the next cycle.
VCC Under-Voltage Lockout
The device is held in the off state until VCC reaches 2.2V. There is a 200mV hysteresis on this input, which requires the
input to fall below 2V before the device will disable.
PERFORMANCE RESULTS
Startup Plots - TBD
Switching Plots -TBD
Load Transient Plots - TBD
Line Transient Plots - TBD
Efficiency Plots - TBD
OSC frequency across temp -TBD
Output voltage across temp –TBD
Line Regulation – TBD
Load Regulation – TBD


同様の部品番号 - TS33001

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M000QFNR SEMTECH-TS33001-M000QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M008QFNR SEMTECH-TS33001-M008QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M009QFNR SEMTECH-TS33001-M009QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
More results

同様の説明 - TS33001

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com