データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS61001 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 TS61001
部品情報  Full-bridge FET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TS61001 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  TS61001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
TS61001
Version 1.0
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1, 2)
Parameter
Value
Unit
VCC, VCCG
13.2
V
VB1, VB2
13.2 (relative to VS1,2)
V
SDATA, SCLK
3.6
V
LS1ON, LS2ON, HS1ON, HS2ON
3.6
V
COMPN, COMPP, AMPN, AMPP, COMPOUT, AMPOUT
3.6
V
Electrostatic Discharge – Human Body Model
+/-2k
V
Electrostatic Discharge – Charge Device Model
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
JA
Thermal Resistance Junction to Air (Note 1)
34.5
°C/W
JC
Thermal Resistance Junction to Case (Note 1)
2.5
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Input Operating Voltage
5
12
12.5
V
CBST
Bootstrap Capacitor
100
nF


同様の部品番号 - TS61001

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
TS61001-QFNR SEMTECH-TS61001-QFNR Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

同様の説明 - TS61001

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com