データシートサーチシステム |
|
93LC46 データシート(PDF) 11 Page - Microchip Technology |
|
93LC46 データシート(HTML) 11 Page - Microchip Technology |
11 / 20 page 2004 Microchip Technology Inc. DS21712B-page 11 93LC46/56/66 4.0 PACKAGING INFORMATION 4.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN 93LC46 I/PNNN YYWW 93LC46 I/SNYYWW NNN Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead Rotated SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN 93LC46X I/SNYYWW NNN |
同様の部品番号 - 93LC46 |
|
同様の説明 - 93LC46 |