データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA7026 データシート(PDF) 8 Page - Allegro MicroSystems

部品番号 SLA7026
部品情報  HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7026 データシート(HTML) 8 Page - Allegro MicroSystems

Back Button SLA7026 Datasheet HTML 4Page - Allegro MicroSystems SLA7026 Datasheet HTML 5Page - Allegro MicroSystems SLA7026 Datasheet HTML 6Page - Allegro MicroSystems SLA7026 Datasheet HTML 7Page - Allegro MicroSystems SLA7026 Datasheet HTML 8Page - Allegro MicroSystems SLA7026 Datasheet HTML 9Page - Allegro MicroSystems SLA7026 Datasheet HTML 10Page - Allegro MicroSystems SLA7026 Datasheet HTML 11Page - Allegro MicroSystems SLA7026 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SLA7024M, SLA7026M, AND SMA7029M
HIGH-CURRENT PWM,
UNIPOLAR STEPPER MOTOR
CONTROLLER/DRIVERS
For given values of R
1, R2, and Vb (VREF ≈ 0.82 V), Figures 5A and 5B
illustrate output holding current as a function of R
X for two values of current-
sensing resistance (R
S).
1.0
0.6
0
0
300
500
HOLDING-CURRENT RESISTANCE in OHMS
Dwg. GK-015
100
200
400
600
R1 = 510
R2 = 100
Vb = 5 V
RS = 0.8
RS = 1.0
0.8
0.4
0.2
FIGURE 5A. HOLD-CURRENT RESISTANCE
(SLA7024M and SMA7029M)
NOTE: Holding current determines holding torque, which is normally
greater than running torque. Consult motor manufacturer for recommended
safe holding current and motor winding temperature limits in “standstill” or
“detent” mode.
FIGURE 5B. HOLD-CURRENT RESISTANCE (SLA7026M)
The MOSFET outputs create ringing noise with PWM, but the RC filter
precludes malfunctions. The comparator operation is affected by R
5 and C3
and, thus, current overshoot is influenced by component values. Empirical
adjustment to “fine-tune” the current limit is likely.
3.0
2.0
1.0
0
300
500
700
0.5
HOLDING-CURRENT RESISTANCE in OHMS
Dwg. GK-015-1
1.5
2.5
0
100
200
400
600
800
R1 = 510
R2 = 100
Vb = 5 V
RS = 0.33
RS = 0.47


同様の部品番号 - SLA7026

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA7026 SANKEN-SLA7026 Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7026M SANKEN-SLA7026M Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7026M SANKEN-SLA7026M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

同様の説明 - SLA7026

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com