データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC574 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHC574
部品情報  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC574 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC574 Datasheet HTML 2Page - NXP Semiconductors 74AHC574 Datasheet HTML 3Page - NXP Semiconductors 74AHC574 Datasheet HTML 4Page - NXP Semiconductors 74AHC574 Datasheet HTML 5Page - NXP Semiconductors 74AHC574 Datasheet HTML 6Page - NXP Semiconductors 74AHC574 Datasheet HTML 7Page - NXP Semiconductors 74AHC574 Datasheet HTML 8Page - NXP Semiconductors 74AHC574 Datasheet HTML 9Page - NXP Semiconductors 74AHC574 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74AHC_AHCT574_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 January 2008
6 of 18
NXP Semiconductors
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC574
74AHCT574
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC574
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND;
VCC = 5.5 V
--
±0.25
-
±2.5
-
±10.0
µA
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
µA


同様の部品番号 - 74AHC574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC574 PHILIPS-74AHC574 Datasheet
91Kb / 20P
   Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Jun 16
74AHC574 NXP-74AHC574 Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574 NEXPERIA-74AHC574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
NXP Semiconductors
74AHC574BQ NXP-74AHC574BQ Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574BQ NEXPERIA-74AHC574BQ Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

同様の説明 - 74AHC574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com