データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G79GW データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AHCT1G79GW
部品情報  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G79GW データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G79GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
74AHC_AHCT1G79_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2007
8 of 12
NXP Semiconductors
74AHC1G79; 74AHCT1G79
Single D-type flip-flop; positive-edge trigger
13. Package outline
Fig 7.
Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


同様の部品番号 - 74AHCT1G79GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G79GW PHILIPS-74AHCT1G79GW Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
74AHCT1G79GW NXP-74AHCT1G79GW Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHCT1G79GW NEXPERIA-74AHCT1G79GW Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHCT1G79GW-Q100 NEXPERIA-74AHCT1G79GW-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79GW-Q100 NEXPERIA-74AHCT1G79GW-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
More results

同様の説明 - 74AHCT1G79GW

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com