データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT574 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AHCT574
部品情報  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT574 データシート(HTML) 1 Page - NXP Semiconductors

  74AHCT574 Datasheet HTML 1Page - NXP Semiconductors 74AHCT574 Datasheet HTML 2Page - NXP Semiconductors 74AHCT574 Datasheet HTML 3Page - NXP Semiconductors 74AHCT574 Datasheet HTML 4Page - NXP Semiconductors 74AHCT574 Datasheet HTML 5Page - NXP Semiconductors 74AHCT574 Datasheet HTML 6Page - NXP Semiconductors 74AHCT574 Datasheet HTML 7Page - NXP Semiconductors 74AHCT574 Datasheet HTML 8Page - NXP Semiconductors 74AHCT574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AHC574; 74AHCT574 are high-speed Si-gate CMOS devices and are pin
compatible with Low Power Schottky TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74AHC574; 74AHCT574 are octal D-type flip-flops featuring separate D-type inputs
for each flip-flop and 3-state outputs for bus oriented applications. A clock (CP) and an
output enable (OE) input are common to all flip-flops.
The 8 flip-flops will store the state of their individual D-inputs that meet the set-up and hold
times requirements on the LOW-to-HIGH CP transition.
When OE is LOW the contents of the 8 flip-flops are available at the outputs. When OE is
HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE input does
not affect the state of the flip-flops.
The 74AHC574; 74AHCT574 is functionally identical to the 74AHC564; 74AHCT564, but
has non-inverting outputs. The 74AHC574; 74AHCT574 is functionally identical to
the 74AHC374; 74AHCT374, but has a different pinning.
2.
Features
I Balanced propagation delays
I All inputs have a Schmitt-trigger action
I 3-state non-inverting outputs for bus orientated applications
I 8-bit positive, edge-triggered register
I Independent register and 3-state buffer operation
I Common 3-state output enable input
I For 74AHC574 only: operates with CMOS input levels
I For 74AHCT574 only: operates with TTL input levels
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 — 24 January 2008
Product data sheet


同様の部品番号 - 74AHCT574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT574 PHILIPS-74AHCT574 Datasheet
91Kb / 20P
   Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Jun 16
74AHCT574 NXP-74AHCT574 Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
NXP Semiconductors
74AHCT574BQ NXP-74AHCT574BQ Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHCT574BQ NEXPERIA-74AHCT574BQ Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

同様の説明 - 74AHCT574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com