データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT273D データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HCT273D
部品情報  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT273D データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT273D Datasheet HTML 7Page - NXP Semiconductors 74HCT273D Datasheet HTML 8Page - NXP Semiconductors 74HCT273D Datasheet HTML 9Page - NXP Semiconductors 74HCT273D Datasheet HTML 10Page - NXP Semiconductors 74HCT273D Datasheet HTML 11Page - NXP Semiconductors 74HCT273D Datasheet HTML 12Page - NXP Semiconductors 74HCT273D Datasheet HTML 13Page - NXP Semiconductors 74HCT273D Datasheet HTML 14Page - NXP Semiconductors 74HCT273D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
11 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
Measurement points are given in Table 8.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Data set-up and hold times data input (Dn)
mna767
GND
GND
th
tsu
th
tsu
VM
VM
VM
VI
VOH
VOL
VI
Qn output
CP input
Dn input
Table 8.
Measurement points
Type
Input
Output
VI
VM
VM
74HC273
VCC
0.5VCC
0.5VCC
74HCT273
3 V
1.3 V
1.3 V


同様の部品番号 - 74HCT273D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT273D PHILIPS-74HCT273D Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
logo
Nexperia B.V. All right...
74HCT273D NEXPERIA-74HCT273D Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74HCT273D-Q100 NXP-74HCT273D-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74HCT273D-Q100 NEXPERIA-74HCT273D-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
logo
NXP Semiconductors
74HCT273DB PHILIPS-74HCT273DB Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
More results

同様の説明 - 74HCT273D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com