データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8557ACPZ-REEL7 データシート(PDF) 10 Page - Analog Devices

部品番号 AD8557ACPZ-REEL7
部品情報  Digitally Programmable Sensor Signal Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-REEL7 データシート(HTML) 10 Page - Analog Devices

Back Button AD8557ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8557ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8557
Rev. C | Page 10 of 24
140
0
–50
175
TEMPERATURE (°C)
120
100
80
60
40
20
–25
0
25
50
75
100
125
150
CMRR GAIN +28
CMRR GAIN +1300
CMRR GAIN +448
Figure 22. CMRR vs. Temperature at Different Gains, VSY = 2.7 V
START .0 Hz
STOP 1 000 000.0Hz
RBW 100Hz
VBW 300Hz
ST 900s
REF 502µV
MARKER 20 000.0Hz
5dB/DIV
RANGE 12.5mV
1.89µV/√Hz
Figure 23. Input Voltage Noise Density vs. Frequency (0 Hz to 1000 kHz)
CH1 10.0mV
M 1.00s
A CH1
–2.80mV
1
CHANNEL 1
15.2mV p-p
Figure 24. Low Frequency Input Voltage Noise, 0.1 Hz to 10 Hz, VSY = 5 V
CH1 10.0mV
M 1.00s
A CH1
–2.80mV
1
CHANNEL 1
16.6mV p-p
Figure 25. Low Frequency Input Voltage Noise 0.1 Hz to 10 Hz, VSY = 2.7 V
70
–20
0.1
10k
FREQUENCY (kHz)
1
10
100
1k
60
50
40
30
20
10
0
–10
HIGH GAIN +1300 62.28dB
LOW GAIN +28 28.9dB
VSY = 5V
Figure 26. Closed-Loop Gain vs. Frequency Measured at Output Pin, VSY = 5 V
70
–20
0.1
10k
FREQUENCY (kHz)
1
10
100
1k
60
50
40
30
20
10
0
–10
HIGH GAIN +1300 62.28dB
LOW GAIN +28 28.9dB
VSY = 2.7V
Figure 27. Closed-Loop Gain vs. Frequency Measured at Output Pin, VSY = 2.7 V


同様の部品番号 - AD8557ACPZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
More results

同様の説明 - AD8557ACPZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com