データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC373D データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC373D
部品情報  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373D データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC373D Datasheet HTML 7Page - NXP Semiconductors 74HC373D Datasheet HTML 8Page - NXP Semiconductors 74HC373D Datasheet HTML 9Page - NXP Semiconductors 74HC373D Datasheet HTML 10Page - NXP Semiconductors 74HC373D Datasheet HTML 11Page - NXP Semiconductors 74HC373D Datasheet HTML 12Page - NXP Semiconductors 74HC373D Datasheet HTML 13Page - NXP Semiconductors 74HC373D Datasheet HTML 14Page - NXP Semiconductors 74HC373D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
11 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
Tamb = 40 Cto+85 C
tpd
propagation delay
Dn to Qn; see Figure 8
[1]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
33
ns
LE to Qn; see Figure 9
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
37
ns
ten
enable time
OE to Qn; see Figure 10
[2]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
33
ns
tdis
disable time
OE to Qn; see Figure 10
[3]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
33
ns
tt
transition time
Qn; see Figure 8 and Figure 9
[4]
VCC = 2.0 V
-
-
75
ns
VCC = 4.5 V
-
-
15
ns
VCC = 6.0 V
-
-
13
ns
tW
pulse width
LE HIGH; see Figure 9
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
tsu
set-up time
Dn to LE; see Figure 11
VCC = 2.0 V
65
-
-
ns
VCC = 4.5 V
13
-
-
ns
VCC = 6.0 V
11
-
-
ns
th
hold time
Dn to LE; see Figure 11
VCC = 2.0 V
5
-
-
ns
VCC = 4.5 V
5
-
-
ns
VCC = 6.0 V
5
-
-
ns
Table 8.
Dynamic characteristics 74HC373 …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74HC373D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC373D PHILIPS-74HC373D Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
Toshiba Semiconductor
74HC373D TOSHIBA-74HC373D Datasheet
201Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
logo
Nexperia B.V. All right...
74HC373D NEXPERIA-74HC373D Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HC373D-Q100 NXP-74HC373D-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
logo
Nexperia B.V. All right...
74HC373D-Q100 NEXPERIA-74HC373D-Q100 Datasheet
277Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 22 July 2020
More results

同様の説明 - 74HC373D

メーカー部品番号データシート部品情報
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com