データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6713STR1PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF6713STR1PBF
部品情報  ROHS Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6713STR1PBF データシート(HTML) 1 Page - International Rectifier

  IRF6713STR1PBF Datasheet HTML 1Page - International Rectifier IRF6713STR1PBF Datasheet HTML 2Page - International Rectifier IRF6713STR1PBF Datasheet HTML 3Page - International Rectifier IRF6713STR1PBF Datasheet HTML 4Page - International Rectifier IRF6713STR1PBF Datasheet HTML 5Page - International Rectifier IRF6713STR1PBF Datasheet HTML 6Page - International Rectifier IRF6713STR1PBF Datasheet HTML 7Page - International Rectifier IRF6713STR1PBF Datasheet HTML 8Page - International Rectifier IRF6713STR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
08/19/08
IRF6713SPbF
IRF6713STRPbF
DirectFET
™ Power MOSFET ‚
Description
The IRF6713SPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET pack-
age allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6713SPbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6713SPbF has been optimized for parameters that are critical in synchronous buck
operating from 12 volt bus converters including Rds(on) and gate charge to minimize losses.
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance Vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.23mH, RG = 25Ω, IAS = 17A.
Notes:
DirectFET
™ ISOMETRIC
SQ
SQ
SX
ST
MQ
MX
MT
MP
l RoHS Compliant Containing No Lead and Bromide

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for both Sync.FET and some Control FET
application

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l 100% Rg tested
2
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
1
2
3
4
5
ID = 22A
TJ = 25°C
TJ = 125°C
0
102030
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 20V
VDS= 13V
ID= 17A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
Max.
17
95
170
±20
25
22
34
17
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
21nC
6.3nC
2.7nC
18nC
14nC
1.9V
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 2.2mΩ@ 10V 3.5mΩ@ 4.5V
PD - 96129A


同様の部品番号 - IRF6713STR1PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6713STRPBF IRF-IRF6713STRPBF Datasheet
236Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results

同様の説明 - IRF6713STR1PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9