データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1315DL-T1-GE3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1315DL-T1-GE3
部品情報  P-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1315DL-T1-GE3 データシート(HTML) 1 Page - Vishay Siliconix

  SI1315DL-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1315DL-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si1315DL
New Product
Document Number: 67193
S10-2765-Rev. A, 29-Nov-10
www.vishay.com
1
P-Channel 8 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Devices
DC/DC Converters
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
c
Qg (Typ.)
- 8
0.336 at VGS = - 4.5 V
- 0.9
1 nC
0.450 at VGS = - 2.5 V
- 0.7
0.650 at VGS = - 1.8 V
- 0.5
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 8
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 0.9
A
TC = 70 °C
- 0.7
TA = 25 °C
- 0.8a, b
TA = 70 °C
- 0.7a, b
Pulsed Drain Current
IDM
- 3
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 0.3
TA = 25 °C
- 0.25
Maximum Power Dissipation
TC = 25 °C
PD
0.4
W
TC = 70 °C
0.2
TA = 25 °C
0.3a, b
TA = 70 °C
0.2a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)
260
Ordering Information: Si1315DL-T1-GE3 (Lead (Pb)-free and Halogen-free)
Top View
Si1315DL (LJ)*
* Marking Code
SOT-323
SC-70 (3-LEADS)
1
2
3
G
S
D
S
G
D
P-Channel MOSFET


同様の部品番号 - SI1315DL-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1317DL VISHAY-SI1317DL Datasheet
67Kb / 4P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 14-Mar-11
SI1317DL VISHAY-SI1317DL Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL-T1-GE3 VISHAY-SI1317DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL VISHAY-SI1317DL_V01 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1315DL-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11