データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP785GBFC データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TLP785GBFC
部品情報  Office Equipment Household Appliances
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785GBFC データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP785GBFC Datasheet HTML 6Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 7Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 8Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 9Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 10Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 11Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 12Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 13Page - Toshiba Semiconductor TLP785GBFC Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLP785,TLP785F
2012-02-20
10
EN60747-5-2 ‘Option: (D4)’
Attachment: Specification for EN60747-5-2 option: (D4)
Types: TLP785, TLP785F
Type designations for ‘option: (D4) ’, which are tested under EN60747 requirements.
Ex.: TLP785(D4-GR-LF6,F
D4: EN60747 option
GR: CTR rank name
LF6: standard lead bend name
F:
[[G]]/RoHS COMPATIBLE
Note: Use TOSHIBA standard type number for safety standard application.
Ex. TLP785(D4-GR-LF6,F
TLP785
EN60747 Isolation Characteristics
Description
Symbol
Rating
Unit
Application classification
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I−IV
I−III
Climatic classification
55 / 115 / 21
Pollution degree
2
TLP785
890
Maximum operating insulation voltage
TLP785F
VIORM
1140
Vpk
TLP785
1335
Input to output test voltage,
Vpr = 1.5×VIORM, type and sample test
tp = 10s, partial discharge < 5pC
TLP785F
Vpr
1710
Vpk
TLP785
1670
Input to output test voltage,
Vpr = 1.875×VIORM, 100% production test
tp = 1s, partial discharge < 5pC
TLP785F
Vpr
2140
Vpk
Highest permissible overvoltage
(transient overvoltage, tpr = 60s)
VTR
8000
Vpk
Safety limiting values (max. permissible ratings in case of fault)
current (input current) Psi = 0mW
power (output or total power dissipation)
temperature
Isi
Psi
Tsi
400
700
175
mA
mW
°C
Insulation resistance,
VIO = 500V,Ta=25°C
Rsi
≥10
12


同様の部品番号 - TLP785GBFC

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785GB-S UMW-TLP785GB-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

同様の説明 - TLP785GBFC

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com