データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1052F データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TPD1052F
部品情報  High-side Power Switch for Motor, Solenoid and Lamp Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1052F データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD1052F Datasheet HTML 4Page - Toshiba Semiconductor TPD1052F Datasheet HTML 5Page - Toshiba Semiconductor TPD1052F Datasheet HTML 6Page - Toshiba Semiconductor TPD1052F Datasheet HTML 7Page - Toshiba Semiconductor TPD1052F Datasheet HTML 8Page - Toshiba Semiconductor TPD1052F Datasheet HTML 9Page - Toshiba Semiconductor TPD1052F Datasheet HTML 10Page - Toshiba Semiconductor TPD1052F Datasheet HTML 11Page - Toshiba Semiconductor TPD1052F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TPD1052F
2012-01-20
8
0.0
0.2
0.4
0.6
0.8
1.0
-80
-40
0
40
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
04
8
12
16
20
0
40
80
120
160
200
-80
-40
0
40
80
120
160
0
40
80
120
160
200
02
46
8
Input voltage VIN[V]
IIN – VIN
Tch=25℃
Supply voltage VDD[V]
RDS(ON) - VDD
Channel temperature Tch[℃]
IIN(1) - Tch
VIN=5V
Channel temperature Tch[℃]
RDS(ON) - Tch
Tch=25℃
IO=0.5A
VIN=5V
VDD=12V
IO=0.5A
VIN=5V
0.0
0.1
0.2
0.3
0.4
0.5
-80
-40
0
40
80
120
160
0.0
0.1
0.2
0.3
0.4
0.5
04
8
12
16
20
Supply voltage VDD[V]
VDL - VDD
Tch=25℃
IDIAG=1mA
Channel temperature Tch[℃]
VDL - Tch
VDD=12V
IDIAG=1mA


同様の部品番号 - TPD1052F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
More results

同様の説明 - TPD1052F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com