データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7424TR データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7424TR
部品情報  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7424TR データシート(HTML) 1 Page - International Rectifier

  IRF7424TR Datasheet HTML 1Page - International Rectifier IRF7424TR Datasheet HTML 2Page - International Rectifier IRF7424TR Datasheet HTML 3Page - International Rectifier IRF7424TR Datasheet HTML 4Page - International Rectifier IRF7424TR Datasheet HTML 5Page - International Rectifier IRF7424TR Datasheet HTML 6Page - International Rectifier IRF7424TR Datasheet HTML 7Page - International Rectifier IRF7424TR Datasheet HTML 8Page - International Rectifier IRF7424TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-11
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-9.3
A
IDM
Pulsed Drain Current

-47
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
3/29/01
www.irf.com
1
IRF7424
HEXFET® Power MOSFET
These P-Channel MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve the extremely low on-resistance per silicon
area.
This benefit provides the designer with an
extremely efficient device for use in battery and load
management applications..
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering techniques.
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
PD- 94024A
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-30V
13.5@VGS = -10V
-11A
22@VGS = -4.5V
-8.8A
SO-8


同様の部品番号 - IRF7424TR

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
IRF7424TR UMW-IRF7424TR Datasheet
349Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
International Rectifier
IRF7424TRPBF IRF-IRF7424TRPBF Datasheet
127Kb / 9P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRF7424TRPBF VBSEMI-IRF7424TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - IRF7424TR

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com