データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74ACT157PWRE4 データシート(PDF) 10 Page - Texas Instruments

部品番号 CD74ACT157PWRE4
部品情報  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT157PWRE4 データシート(HTML) 10 Page - Texas Instruments

Back Button CD74ACT157PWRE4 Datasheet HTML 6Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 7Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 8Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 9Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 10Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 11Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 12Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 13Page - Texas Instruments CD74ACT157PWRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - CD74ACT157PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74ACT157PWRE4 TI-CD74ACT157PWRE4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
More results

同様の説明 - CD74ACT157PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com