データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440530047 データシート(PDF) 4 Page - Skyworks Solutions Inc.

部品番号 7440530047
部品情報  12V, 1.5A Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

7440530047 データシート(HTML) 4 Page - Skyworks Solutions Inc.

  7440530047 Datasheet HTML 1Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 2Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 3Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 4Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 5Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 6Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 7Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 8Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Electrical Characteristics1
4.0V < VIN < 13.2V. CIN = COUT = 22μF; L = 2.2 or 3.8μH, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = 25°C.
Symbol Description
Conditions
Min
Typ
Max Units
VIN
Input Voltage Range
4.0
13.2
V
VUVLO
Input Under-Voltage Lockout
Rising
4.0
V
Hysteresis
0.3
IQ
Supply Current
No Load
150
300
μA
ISHDN
Shutdown Current
VEN = GND
1
μA
VOUT
Output Voltage Range
0.6
0.94
VIN
V
VOUT
Output Voltage Accuracy
IOUT = 0A to 1.5A
-2.5
2.5
%
VOUT/
VOUT/VIN
Line Regulation
VIN = 4.5V to 13.2V
0.023 0.100
%/V
VOUT/
IOUT
Load Regulation
VIN = 12V, VOUT = 5V, IOUT = 0A to 1.5A
0.4
%
VFB
Feedback Reference Voltage (adjustable version) No Load, TA = 25°C
0.59
0.60
0.61
V
IFBLEAK
FB Leakage Current
VOUT = 1.2V
Adjustable Version
0.2
μA
Fixed Version
2
FOSC
PWM Oscillator Frequency
0.6
0.8
1
MHz
Foldback Frequency
200
kHz
DC
Maximum Duty Cycle
94
%
TON
Minimum Turn-On Time
100
ns
TS
Soft-Start Time
2ms
RDS(ON)H
P-Channel On Resistance
VIN = 12V
0.12
VIN = 6V
0.15
RDS(ON)L
N-Channel On Resistance
VIN = 12V
0.06
VIN = 6V
0.08
Efficiency
VIN = 12V, VOUT = 5V, IOUT = 1.5A
90
%
ILIM
PMOS Current Limit
4.0
6.0
A
ILXLEAK
LX Leakage Current
VIN = 13.2V, VLX = 0 to VIN
1
μA
TSD
Over-Temperature Shutdown Threshold
140
°C
THYS
Over-Temperature Shutdown Hysteresis
25
°C
VIL
EN Logic Low Input Threshold
0.4
V
VIH
EN Logic High Input Threshold
1.4
V
IEN
EN Input Current
VEN = 0V, VEN = 13.2V
-1.0
1.0
μA
1. The AAT1162 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.


同様の部品番号 - 7440530047

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
7440530047 MPS-7440530047 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440530047

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com