データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440530047 データシート(PDF) 10 Page - Skyworks Solutions Inc.

部品番号 7440530047
部品情報  12V, 1.5A Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

7440530047 データシート(HTML) 10 Page - Skyworks Solutions Inc.

Back Button 7440530047 Datasheet HTML 6Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 7Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 8Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 9Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 10Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 11Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 12Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 13Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
High efficiency is maintained under light load conditions
by automatically switching to variable frequency Light
Load control. In this condition, transition losses are
reduced by operating at a lower frequency at light
loads.
Short-Circuit Protection
The AAT1162 uses a cycle-by-cycle current limit to pro-
tect itself and the load from an external fault condition.
When the inductor current reaches the internally set
3.0A current limit, the P-channel MOSFET switch turns
off and the N-channel synchronous rectifier is turned on,
limiting the inductor and the load current.
During an overload condition, when the output voltage
drops below 50% of the regulation voltage (0.3V at FB),
the AAT1162 switching frequency drops by a factor of 4.
This gives the inductor current ample time to reset dur-
ing the off time to prevent the inductor current from
rising uncontrolled in a short-circuit condition.
Thermal Protection
The AAT1162 includes thermal protection that disables
the regulator when the die temperature reaches 140ºC.
It automatically restarts when the temperature decreas-
es by 25ºC or more.
Applications Information
Setting the Output Voltage
Figure 1 shows the basic application circuit for the
AAT1162 and output setting resistors. Resistors R1 and
R2 program the output to regulate at a voltage higher
than 0.6V. To limit the bias current required for the
external feedback resistor string while maintaining good
noise immunity, the minimum suggested value for R2 is
5.9kΩ. Although a larger value will further reduce quies-
cent current, it will also increase the impedance of the
feedback node, making it more sensitive to external
noise and interference. Table 1 summarizes the resistor
values for various output voltages with R2 set to either
5.9kΩ for good noise immunity or 59kΩ for reduced no
load input current.
PGND
AGND
LX
LX
IN
IN
EN
DGND
FB
AAT1162
C6
10μF
VIN 4.5V- 13.2V
L1
3.8μH
C1
100pF
C3
22μF
R3
432k
Ω
R6
59k
Ω
VOUT
5V, 1.5A
3
5
4
6
9
2
1
11
10
AIN
7
DGND
LDO
DGND
COMP
LX
DGND
R5
24k
Ω
C7
330pF
C9
1μF
C2
0.1μF
R4
10
Ω
14
8
13
16
EP1
EP2
C8
1μF
Figure 1: Typical Application Circuit.
The adjustable feedback resistors, combined with an
external feed forward capacitor (C1 in Figure 1), deliver
enhanced transient response for extreme pulsed load
applications. The addition of the feed forward capacitor
typically requires a larger output capacitor C3 for stabil-
ity. Larger C1 values reduce overshoot and undershoot
during startup and load changes. However, do not
exceed 470pF to maintain stable operation.


同様の部品番号 - 7440530047

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
7440530047 MPS-7440530047 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440530047

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com