データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440530047 データシート(PDF) 11 Page - Skyworks Solutions Inc.

部品番号 7440530047
部品情報  12V, 1.5A Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

7440530047 データシート(HTML) 11 Page - Skyworks Solutions Inc.

Back Button 7440530047 Datasheet HTML 7Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 8Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 9Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 10Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 11Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 12Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 13Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 14Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
The external resistors set the output voltage according
to the following equation:
⎛⎞
VOUT = 0.6V 1 +
⎝⎠
R1
R2
or
⎛⎞
⎝⎠
R1 =
-1 · R2
VOUT
VREF
Table 1 shows the resistor selection for different output
voltage settings.
VOUT (V)
R2 = 5.9(kΩ)
R1 (kΩ)
R2 = 59(kΩ)
R1 (kΩ)
0.8
1.96
19.6
0.9
2.94
29.4
1.0
3.92
39.2
1.1
4.99
49.9
1.2
5.90
59.0
1.3
6.81
68.1
1.4
7.87
78.7
1.5
8.87
88.7
1.8
11.8
118
1.85
12.4
124
2.0
13.7
137
2.5
18.7
187
3.3
26.7
267
5.0
43.2
432
Table 1: Resistor Selection for Different Output
Voltage Settings. Standard 1% Resistors are
Substituted for Calculated Values.
Inductor Selection
For most designs, the AAT1162 operates with inductors
of 2μH to 4.7μH. Low inductance values are physically
smaller, but require faster switching, which results in
some efficiency loss. The inductor value can be derived
from the following equation:
VOUT
3.3
L1 =
· 3.8µH
Where ∆IL is inductor ripple current. Large value induc-
tors lower ripple current and small value inductors result
in high ripple currents. Choose inductor ripple current
approximately 32% of the maximum load current 1.5A,
or ∆IL = 480mA. For output voltages above 3.3V, the
minimum recommended inductor is 3.8μH. For 3.3V and
below, use a 2 to 3.8μH inductor. For optimum voltage-
positioning load transients, choose an inductor with DC
series resistance in the 15mΩ to 20mΩ range.
For
higher efficiency at heavy loads (above 1A), or minimal
load regulation (but some transient overshoot), the
resistance should be kept below 18mΩ. The DC current
rating of the inductor should be at least equal to the
maximum load current plus half the ripple current to
prevent core saturation (1.5A + 280mA). Table 2 lists
some typical surface mount inductors that meet target
applications for the AAT1162.
Manufacturer’s specifications list both the inductor DC
current rating, which is a thermal limitation, and the
peak current rating, which is determined by the satura-
tion characteristics. The inductor should not show any
appreciable saturation under normal load conditions.
Some inductors may meet the peak and average current
ratings yet result in excessive losses due to a high DCR.
Always consider the losses associated with the DCR and
its effect on the total converter efficiency when selecting
an inductor. For example, the 4.7μH WE-TPC series
inductor selected from Wurth has an 38mΩ DCR and a
2.4ADC current rating. At full load, the inductor DC loss
is 85mW which gives only a 1.1% loss in efficiency for a
1.5A, 5V output.
Input Capacitor Selection
The input capacitor reduces the surge current drawn
from the input and switching noise from the device. The
input capacitor impedance at the switching frequency
shall be less than the input source impedance to prevent
high frequency switching current passing to the input. A
low ESR input capacitor sized for maximum RMS current
must be used. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of their low
ESR and small temperature coefficients. A 10μF ceramic
capacitor is sufficient for most applications.


同様の部品番号 - 7440530047

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
7440530047 MPS-7440530047 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440530047

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com