データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ40A データシート(PDF) 4 Page - AVX Corporation

部品番号 SMAJ40A
部品情報  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ40A データシート(HTML) 4 Page - AVX Corporation

  SMAJ40A Datasheet HTML 1Page - AVX Corporation SMAJ40A Datasheet HTML 2Page - AVX Corporation SMAJ40A Datasheet HTML 3Page - AVX Corporation SMAJ40A Datasheet HTML 4Page - AVX Corporation SMAJ40A Datasheet HTML 5Page - AVX Corporation SMAJ40A Datasheet HTML 6Page - AVX Corporation SMAJ40A Datasheet HTML 7Page - AVX Corporation SMAJ40A Datasheet HTML 8Page - AVX Corporation SMAJ40A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Transient Suppression Diodes
For General Purpose Use
SMBJ SERIES PARAMETERS
SMBJ
Device
Working Peak
Breakdown Voltage
Maximum
Maximum
Maximum
Part Number
Marking
Reverse Voltage
V
BR @IT
Clamping
Reverse
Reverse
Code
V
RWM
Voltage V
C (V)
Surge Current
Leakage I
R (μA)
UNI-POLAR
BI-POLAR
UNI
BI
(V)
Min. (V) Max. (V) IT (mA)
@ I
PP
@10 x 1000μs
@V
RWM
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.00
10
9.2
65.22
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.37
10
10.3
58.25
800
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
7.98
10
11.2
53.57
500
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.60
10
12.0
50.00
200
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.21
1
12.9
46.51
100
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
9.83
1
13.6
44.12
50
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.4
1
14.4
41.67
10
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.1
1
15.4
38.96
1
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.3
1
17.0
35.29
1
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
13.5
1
18.2
32.97
1
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
14.7
1
19.9
30.15
1
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
15.9
1
21.5
27.91
1
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.2
1
23.2
25.86
1
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
18.5
1
24.4
24.59
1
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
19.7
1
26.0
23.08
1
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
20.9
1
27.6
21.74
1
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
22.1
1
29.2
20.55
1
SMBJ19A
SMBJ19CA
LB
BB
19
21.1
23.3
1
30.8
19.49
1
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
24.5
1
32.4
18.52
1
SMBJ22A
SMBJ22CA
LX
BX
22
24.4
26.9
1
35.5
16.90
1
SMBJ24A
SMBJ24CA
LZ
BZ
24
26.7
29.5
1
38.9
15.42
1
SMBJ26A
SMBJ26CA
ME
CE
26
28.9
31.9
1
42.1
14.25
1
SMBJ28A
SMBJ28CA
MG
CG
28
31.1
34.4
1
45.4
13.22
1
SMBJ30A
SMBJ30CA
MK
CK
30
33.3
36.8
1
48.4
12.40
1
SMBJ33A
SMBJ33CA
MM
CM
33
36.7
40.6
1
53.3
11.26
1
SMBJ36A
SMBJ36CA
MP
CP
36
40.0
44.2
1
58.1
10.33
1
SMBJ40A
SMBJ40CA
MR
CR
40
44.4
49.1
1
64.5
9.30
1
SMBJ43A
SMBJ43CA
MT
CT
43
47.8
52.8
1
69.4
8.65
1
SMBJ45A
SMBJ45CA
MV
CV
45
50.0
55.3
1
72.7
8.25
1
SMBJ48A
SMBJ48CA
MX
CX
48
53.3
58.9
1
77.4
7.75
1
SMBJ51A
SMBJ51CA
MZ
CZ
51
56.7
62.7
1
82.4
7.28
1
SMBJ54A
SMBJ54CA
NE
DE
54
60.0
66.3
1
87.1
6.89
1
SMBJ58A
SMBJ58CA
NG
DG
58
64.4
71.2
1
93.6
6.41
1
SMBJ60A
SMBJ60CA
NK
DK
60
66.7
73.7
1
96.8
6.20
1
SMBJ64A
SMBJ64CA
NM
DM
64
71.1
78.6
1
103
5.83
1
SMBJ70A
SMBJ70CA
NP
DP
70
77.8
86.0
1
113
5.31
1
SMBJ75A
SMBJ75CA
NR
DR
75
83.3
92.1
1
121
4.96
1
SMBJ78A
SMBJ78CA
NT
DT
78
86.7
95.8
1
126
4.76
1
SMBJ80A
SMBJ80CA
NB
DB
80
88.8
97.6
1
130
4.63
1
SMBJ85A
SMBJ85CA
NV
DV
85
94.4
104
1
137
4.38
1
SMBJ90A
SMBJ90CA
NX
DX
90
100
111
1
146
4.11
1
SMBJ100A
SMBJ100CA
NZ
DZ
100
111
123
1
162
3.70
1
SMBJ110A
SMBJ110CA
PE
EE
110
122
135
1
177
3.39
1
SMBJ120A
SMBJ120CA
PG
EG
120
133
147
1
193
3.11
1
SMBJ130A
SMBJ130CA
PK
EK
130
144
159
1
209
2.87
1
SMBJ140A
SMBJ140CA
PB
EB
140
155
171
1
227
2.65
1
SMBJ150A
SMBJ150CA
PM
EM
150
167
185
1
243
2.47
1
SMBJ160A
SMBJ160CA
PP
EP
160
178
197
1
259
2.32
1
SMBJ170A
SMBJ170CA
PR
ER
170
189
209
1
275
2.18
1
SMBJ180A
SMBJ180CA
PT
ET
180
200
220
1
292
2.06
1
SMBJ190A
SMBJ190CA
PV
EV
190
211
232
1
308
1.95
1
SMBJ200A
SMBJ200CA
PW
EW
200
224
247
1
324
1.85
1
SMBJ220A
SMBJ220CA
PX
EX
220
246
272
1
356
1.69
1
SMBJ250A
SMBJ250CA
PZ
EZ
250
279
309
1
405
1.48
1
SMBJ300A
SMBJ300CA
QE
FE
300
335
371
1
486
1.23
1
SMBJ350A
SMBJ350CA
QG
FG
350
391
432
1
567
1.06
1
SMBJ400A
SMBJ400CA
QK
FK
400
447
494
1
648
0.93
1
SMBJ440A
SMBJ440CA
QM
FM
440
492
543
1
713
0.84
1
NOTES:
1. Suffix “A” denotes 5% tolerance device.
2. Add suffix “CA” after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


同様の部品番号 - SMAJ40A

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
SMAJ40A UMW-SMAJ40A Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Jinan Gude Electronic D...
SMAJ40A JGD-SMAJ40A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ40A VISHAY-SMAJ40A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Littelfuse
SMAJ40A LITTELFUSE-SMAJ40A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Shenzhen Luguang Electr...
SMAJ40A LUGUANG-SMAJ40A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

同様の説明 - SMAJ40A

メーカー部品番号データシート部品情報
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com