データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD744JR データシート(PDF) 11 Page - Analog Devices

部品番号 AD744JR
部品情報  Precision, 500 ns Settling BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD744JR データシート(HTML) 11 Page - Analog Devices

Back Button AD744JR Datasheet HTML 4Page - Analog Devices AD744JR Datasheet HTML 5Page - Analog Devices AD744JR Datasheet HTML 6Page - Analog Devices AD744JR Datasheet HTML 7Page - Analog Devices AD744JR Datasheet HTML 8Page - Analog Devices AD744JR Datasheet HTML 9Page - Analog Devices AD744JR Datasheet HTML 10Page - Analog Devices AD744JR Datasheet HTML 11Page - Analog Devices AD744JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. C
AD744
–11–
Table IV. Performance Summary for the 3 Op Amp
Instrumentation Amplifier Circuit
Gain
RG
Bandwidth
T Settle (0.01%)
1
NC
3.5 MHz
1.5
µs
2
20 k
2.5 MHz
1.0
µs
10
2.22 k
1 MHz
2
µs
100
202
290 kHz
5
µs
Figure 37. The Pulse Response of the 3 Op Amp
Instrumentation Amplifier. Gain = 1, l Horizontal Scale:
0.5
µV/div., Vertical Scale: 5 V/div. (Gain= 10)
Figure 38. Settling Time of the 3 Op Amp Instrumentation
Amplifier. Horizontal Scale: 500 ns/div., Vertical Scale,
Pulse Input: 5 V/div., Output Settling: 1 mV/div.
Minimizing Settling Time in Real-World Applications
An amplifier with a “single pole” or “ideal” integrator open-loop
frequency response will achieve the minimum possible settling
time for any given unity-gain bandwidth. However, when this
“ideal” amplifier is used in a practical circuit, the actual settling
time is increased above the minimum value because of added
time constants which are introduced due to additional capacitance
on the amplifier’s summing junction. The following discussion
will explain how to minimize this increase in settling time by the
selection of the proper value for feedback capacitor, CL.
If an op amp is modeled as an ideal integrator with a unity gain
crossover frequency, fO, Equation 1 will accurately describe the
small signal behavior of the circuit of Figure 39. This circuit
models an op amp connected as an I-to-V converter.
Equation 1 would completely describe the output of the system
if not for the op amp’s finite slew rate and other nonlinear
effects. Even considering these effects, the fine scale settling to
<0.1% will be determined by the op amp’s small signal behav-
ior. Equation 1.
V
O
I
IN
=
– R
RC
L + CX
()
2
πF
O
s
2
+
G
N
2
πF
O
+ RC
L


s
+1
Where FO = the op amp’s unity gain crossover frequency
G
N = the “noise ” gain of the circuit
1
+
R
R
O


This Equation May Then Be Solved for CL:
Equation 2.
C
L =
2
− G
N
R 2
πF
O
+
2 RC
X 2πFO + 1 − GN
()
R 2
πF
O
In these equations, capacitance CX is the total capacitance appear-
ing at the inverting terminal of the op amp. When modeling an
I-to-V converter application, the Norton equivalent circuit of
Figure 39 can be used directly. Capacitance CX is the total capaci-
tance of the output of the current source plus the input capacitance
of the op amp, which includes any stray capacitance at the op
amp’s input.
AD744
CL
VOUT
RO
R
CCOMP (OPTIONAL)
CX
IO
RL
CLOAD
Figure 39. A Simplified Model of the AD744 Used as a
Current-to-Voltage Converter
When RO and IO are replaced with their Thevenin VIN and RIN
equivalents, the general purpose inverting amplifier model of
Figure 40 is created. Here capacitor CX represents the input
capacitance of the AD744 (5.5 pF) plus any stray capacitance
due to wiring and the type of IC package employed.
AD744
CL
VOUT
RIN
R
CCOMP (OPTIONAL)
CX
VIN
RL
CLOAD
Figure 40. A Simplified Model of the AD744 Used
as an Inverting Amplifier


同様の部品番号 - AD744JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD744JR AD-AD744JR Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744JR AD-AD744JR Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744JR AD-AD744JR Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD744JR-REEL AD-AD744JR-REEL Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744JR-REEL AD-AD744JR-REEL Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
More results

同様の説明 - AD744JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD744JRZ AD-AD744JRZ Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_15 Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744 Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD746AN AD-AD746AN Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746 Datasheet
428Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746_15 Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com