データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7524BQ データシート(PDF) 3 Page - Analog Devices

部品番号 AD7524BQ
部品情報  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7524BQ データシート(HTML) 3 Page - Analog Devices

  AD7524BQ Datasheet HTML 1Page - Analog Devices AD7524BQ Datasheet HTML 2Page - Analog Devices AD7524BQ Datasheet HTML 3Page - Analog Devices AD7524BQ Datasheet HTML 4Page - Analog Devices AD7524BQ Datasheet HTML 5Page - Analog Devices AD7524BQ Datasheet HTML 6Page - Analog Devices AD7524BQ Datasheet HTML 7Page - Analog Devices AD7524BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7524
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VRFB to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
Digital Input Voltage to GND . . . . . . . . –0.3 V to VDD +0.3 V
OUT1, OUT2 to GND . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (J, K, L) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Industrial (A, B, C) . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S, T, U) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7524 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TERMINOLOGY
RELATIVE ACCURACY: A measure of the deviation from a
straight line through the end points of the DAC transfer function.
Normally expressed as a percentage of full scale range. For the
AD7524 DAC, this holds true over the entire VREF range.
RESOLUTION: Value of the LSB. For example, a unipolar con-
verter with n bits has a resolution of (2
–n) (V
REF). A bipolar con-
verter of n bits has a resolution of [2
–(n–1)] [V
REF]. Resolution in no
way implies linearity.
GAIN ERROR: Gain Error is a measure of the output error be-
tween an ideal DAC and the actual device output. It is measured
with all 1s in the DAC after offset error has been adjusted out
and is expressed in LSBs. Gain Error is adjustable to zero with
an external potentiometer.
FEEDTHROUGH ERROR: Error caused by capacitive cou-
pling from VREF to output with all switches OFF.
OUTPUT CAPACITANCE: Capacity from OUT1 and
OUT2 terminals to ground.
OUTPUT LEAKAGE CURRENT: Current which appears
on OUT1 terminal with all digital inputs LOW or on OUT2
terminal when all inputs are HIGH. This is an error current
which contributes an offset voltage at the amplifier output.
PIN CONFIGURATIONS
DIP, SOIC
PLCC
LCCC


同様の部品番号 - AD7524BQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7524BQ AD-AD7524BQ Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524BQ AD-AD7524BQ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524BQ AD-AD7524BQ Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
More results

同様の説明 - AD7524BQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com