データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1265-011 データシート(PDF) 1 Page - Alpha Industries

部品番号 SMV1265-011
部品情報  Hyperabrupt Junction Tuning Varactor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHA [Alpha Industries]
ホームページ  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1265-011 データシート(HTML) 1 Page - Alpha Industries

  SMV1265-011 Datasheet HTML 1Page - Alpha Industries SMV1265-011 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/99A
Hyperabrupt Junction Tuning Varactor
Features
s High Tuning Ratio
s Low Series Resistance
s SOD-323 Package
s Designed for High Volume, Low Cost
Applications
s Available in Tape and Reel Packaging
SMV1265-011
Description
The SMV1265-011 is a surface mount varactor diode in the
SOD-323 package. It is designed for very high capacitance
tuning ratio while having low series resistance, which makes
this device especially attractive for wide band VCO
applications.
Characteristic
Value
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Parameter
Condition
Min.
Typ.
Max.
Unit
Reverse Current (IR)VR = 26 V
20.00
nA
Capacitance (CT)CT @ 1 V, VR = 1 V, F = 1 MHz
12.50
13.8
14.70
pF
Capacitance (CT)CT @ 26 V, VR = 26 V, F = 1 MHz
0.58
0.7
0.83
pF
Capacitance Ratio (CTR)CT (1 V)/CT (26 V)
17.70
19.5
Series Resistance (RS)VR = 1 V, F = 470 MHz
2.4
Breakdown Voltage (VBR)IR = 10 µA
28.00
V
Electrical Specifications at 25°C


同様の部品番号 - SMV1265-011

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1265-011 SKYWORKS-SMV1265-011 Datasheet
114Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1265-011LF SKYWORKS-SMV1265-011LF Datasheet
114Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV1265-011

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com