データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1248-001 データシート(PDF) 1 Page - Alpha Industries

部品番号 SMV1248-001
部品情報  Hyperabrupt Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHA [Alpha Industries]
ホームページ  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1248-001 データシート(HTML) 1 Page - Alpha Industries

  SMV1248-001 Datasheet HTML 1Page - Alpha Industries SMV1248-001 Datasheet HTML 2Page - Alpha Industries SMV1248-001 Datasheet HTML 3Page - Alpha Industries SMV1248-001 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic
Value
Reverse Voltage (VR)
15 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/00A
Hyperabrupt Tuning Varactors
Features
I High Capacitance Ratio,
C0.3 V/C4.7 V = 12 Typ.
I Multiple Packages SOT-23, SOD-323,
SC-70 and SC-79
I Designed for High Volume Commercial
Applications
I SPICE Models are Available
SMV1247–SMV1255
Description
The SMV1247–SMV1255 series of silicon hyperabrupt
junction varactor diodes are designed for use in VCOs with
low tuning voltage operation. This family of varactors is
characterized for capacitance and resistance over
temperature. SPICE models are provided.
o Available through distribution.
For other packages or configurations, please contact the factory.
Single
Single
Single
Common Anode
Common Cathode
Common Anode
Common Cathode
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SC-70
SC-70
o SMV1247-079
o SMV1247-074
o SMV1248-001
o SMV1249-079
o SMV1249-011
o SMV1249-001
o SMV1249-003
o SMV1249-073
o SMV1251-079
o SMV1251-011
o SMV1251-001
o SMV1251-004
o SMV1251-074
o SMV1253-079
o SMV1253-004
o SMV1255-079
o SMV1255-011
o SMV1255-001
o SMV1255-003
o SMV1255-004
o SMV1255-073
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 1.4 nH


同様の部品番号 - SMV1248-001

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMV1248-001 ETC1-SMV1248-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1248-001 SKYWORKS-SMV1248-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

同様の説明 - SMV1248-001

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com