データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1251-011 データシート(PDF) 2 Page - Alpha Industries

部品番号 SMV1251-011
部品情報  Hyperabrupt Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHA [Alpha Industries]
ホームページ  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1251-011 データシート(HTML) 2 Page - Alpha Industries

  SMV1251-011 Datasheet HTML 1Page - Alpha Industries SMV1251-011 Datasheet HTML 2Page - Alpha Industries SMV1251-011 Datasheet HTML 3Page - Alpha Industries SMV1251-011 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hyperabrupt Tuning Varactors
SMV1247–SMV1255
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/00A
0.1
1.0
10.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
2.0
0
SMV1253
SMV1251
SMV1249
SMV1255
SMV1248
SMV1247
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 4 V
VR = 1 V
-50
-25
0
25
50
75
100
Temperature (˚C)
Relative Series Resistance Change
vs. Temperature @ 500 MHz
-25
-20
-10
-15
-5
0
5
10
15
0
1.0
2.0
3.0
4.0
3.5
2.5
1.5
0.5
Reverse Voltage (V)
Series Resistance vs. Reverse Voltage
@ 500 MHz
01
2
3
4
5
SMV1247
SMV1251
SMV1253
SMV1255
SMV1248
SMV1249
Typical Performance Data
CT
CT
CT
CT
CT @ 0.3 V
CT @ 1 V RS @ 3 V
Q
Part
@ 0.3 V
@ 4.7 V
@ 1 V
@ 3 V
CT @ 4.7 V
CT @ 3 V 500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω)
50 MHz
Min.
Typ.
Typ.
Max.
Typ.
Typ.
Min.
Typ.
Typ.
Max.
Typ.
SMV1247
6.5
7
0.7
0.78
4.4
0.95
9.5
10.0
4.6
2.0
1500
SMV1248
15.0
17
1.5
1.70
12.3
2.60
10.8
12.0
4.7
1.8
700
SMV1249
28.0
31
2.6
2.80
18.2
3.40
11.0
12.1
5.3
1.5
600
SMV1251
38.0
42
3.4
3.80
28.1
5.80
11.0
12.2
4.8
1.3
400
SMV1253
48.0
53
4.3
4.80
37.0
7.80
11.0
12.3
4.7
1.2
350
SMV1255
58.0
64
5.2
5.80
43.3
8.50
11.0
12.3
5.1
1.0
350
Electrical Specifications at 25°C
Reverse Voltage VR (IR = 10 µA): 15 V
Reverse Current IR (VR = 12 V): 20 nA


同様の部品番号 - SMV1251-011

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMV1251-011 ETC1-SMV1251-011 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1251-011 SKYWORKS-SMV1251-011 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-011LF SKYWORKS-SMV1251-011LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-011LF SKYWORKS-SMV1251-011LF Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV1251-011

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com