データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC426EOA データシート(PDF) 8 Page - Microchip Technology

部品番号 TC426EOA
部品情報  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426EOA データシート(HTML) 8 Page - Microchip Technology

Back Button TC426EOA Datasheet HTML 4Page - Microchip Technology TC426EOA Datasheet HTML 5Page - Microchip Technology TC426EOA Datasheet HTML 6Page - Microchip Technology TC426EOA Datasheet HTML 7Page - Microchip Technology TC426EOA Datasheet HTML 8Page - Microchip Technology TC426EOA Datasheet HTML 9Page - Microchip Technology TC426EOA Datasheet HTML 10Page - Microchip Technology TC426EOA Datasheet HTML 11Page - Microchip Technology TC426EOA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC426/TC427/TC428
DS21415C-page 8
© 2006 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
20
10
0
-25
0
25
150
Rise and Fall Times vs.
Temperature
40
50
75
100
125
TEMPERATURE (°C)
35
25
15
80
70
60
50
30
0
Delay Times vs. Supply Voltage
40
90
SUPPLY VOLTAGE (V)
510
15
20
tD2
60
50
40
30
10
05
10
15
20
SUPPLY VOLTAGE (V)
70
tR
tF
CL = 1000 pF
TA = +25°C
Rise and Fall Times vs.
Supply Voltage
20
CL = 1000 pF
TA = +25°C
CL = 1000 pF
VDD = 18V
tR
tF
tD1
100
1
10
1000
10K
CAPACITIVE LOAD (pF)
Rise and Fall Times vs.
Capacitive Load
10
1K
100
90
80
70
60
40
30
0
-25
50
100
150
TEMPERATURE (°C)
Delay Times vs. Temperature
50
100
25
75
125
70
60
50
40
20
0
10
Supply Current vs.
Capacitive Load
30
80
400 kHz
200 kHz
20 kHz
100
1000
10K
CAPACITIVE LOAD (pF)
10
CL = 1000 pF
VDD = 18V
tD2
tD1
TA = +25°C
VDD = 18V
TA = +25°C
VDD = 18V
tR
tF
0.96
0.72
0.48
0.24
0
10
Low Output vs. Voltage
1.20
20 30 40 50 60 70 80 90 100
CURRENT SUNK (mA)
10V
15V
1.76
1.32
0.88
0.44
0
10
High Output vs. Voltage
2.20
20 30 40 50 60 70 80 90 100
CURRENT SOURCED (mA)
18V
13V
20
10
0
1
Supply Current vs. Frequency
30
10
100
1000
FREQUENCY (kHz)
10V
5V
TA = +25°C
VDD = 5V
VDD = 8V
VDD = 18V
CL = 1000 pF
TA = +25°C
TA = +25°C


同様の部品番号 - TC426EOA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC426EOA TELCOM-TC426EOA Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC426EOA MICROCHIP-TC426EOA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC426EOA MICROCHIP-TC426EOA Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

同様の説明 - TC426EOA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com