データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC428MJA データシート(PDF) 9 Page - Microchip Technology

部品番号 TC428MJA
部品情報  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC428MJA データシート(HTML) 9 Page - Microchip Technology

Back Button TC428MJA Datasheet HTML 5Page - Microchip Technology TC428MJA Datasheet HTML 6Page - Microchip Technology TC428MJA Datasheet HTML 7Page - Microchip Technology TC428MJA Datasheet HTML 8Page - Microchip Technology TC428MJA Datasheet HTML 9Page - Microchip Technology TC428MJA Datasheet HTML 10Page - Microchip Technology TC428MJA Datasheet HTML 11Page - Microchip Technology TC428MJA Datasheet HTML 12Page - Microchip Technology TC428MJA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21415C-page 9
TC426/TC427/TC428
TYPICAL CHARACTERISTICS (CONTINUED)
0
20
15
10
5
0
50
100
150
200
250
300
SUPPLY CURRENT (mA)
Supply Voltage vs.
Quiescent Supply Current
No Load
Both Inputs Logic ‘0’
TA = +25°C
123456
20
15
10
5
0
SUPPLY CURRENT (mA)
Supply Voltage vs.
Quiescent Supply Current
No Load
Both Inputs Logic ‘1’
TA = +25°C
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (°C)
8-Pin DIP
8-Pin CERDIP
8-Pin SOIC
Thermal Derating Curves


同様の部品番号 - TC428MJA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC428MJA TELCOM-TC428MJA Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC428MJA MICROCHIP-TC428MJA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC428MJA MICROCHIP-TC428MJA Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

同様の説明 - TC428MJA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com