データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590KF データシート(PDF) 3 Page - Analog Devices

部品番号 AD590KF
部品情報  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD590KF データシート(HTML) 3 Page - Analog Devices

  AD590KF Datasheet HTML 1Page - Analog Devices AD590KF Datasheet HTML 2Page - Analog Devices AD590KF Datasheet HTML 3Page - Analog Devices AD590KF Datasheet HTML 4Page - Analog Devices AD590KF Datasheet HTML 5Page - Analog Devices AD590KF Datasheet HTML 6Page - Analog Devices AD590KF Datasheet HTML 7Page - Analog Devices AD590KF Datasheet HTML 8Page - Analog Devices AD590KF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 3 of 16
SPECIFICATIONS
AD590J AND AD590K SPECIFICATIONS
25°C and VS = 5 V, unless otherwise noted.1
Table 1.
AD590J2
AD590K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
OperatingVoltage Range
4
30
4
30
V
OUTPUT
Nominal Current Output @ 25°C (298.2 K)
298.2
298.2
µA
Nominal Temperature Coefficient
1
1
µA/K
CalibrationError @ 25°C
±5.0
±2.5
°C
Absolute Error (Over Rated Performance Temperature Range)
Without External CalibrationAdjustment
±10
±5.5
°C
With25°C CalibrationError Set to Zero
±3.0
±2.0
°C
Nonlinearity
For TO-52 and FLATPACK Packages
±1.5
±0.8
°C
For 8-Lead SOIC Package
±1.5
±1.0
°C
For 4-Lead LFCSP Package
±1.5
°C
Repeatability3
±0.1
±0.1
°C
Long-Term Drift4
±0.1
±0.1
°C
Current Noise
40
40
pA/√Hz
Power Supply Rejection
4 V ≤ VS ≤ 5 V
0.5
0.5
µA/V
5 V ≤ VS ≤ 15 V
0.2
0.2
µV/V
15 V ≤ VS ≤ 30 V
0.1
0.1
µA/V
Case Isolation to Either Lead
1010
1010
Ω
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
µs
Reverse Bias Leakage Current (Reverse Voltage = 10 V)5
10
10
pA
1
Specifications shown in boldface are tested on all production units at final electrical test. Results fromthose tests are used to calculate outgoing quality levels. All
minimum and maximum specifications are guaranteed,although only those shown in boldfaceare tested on all production units.
2
The LFCSP package has a reduced operating temperature range of −40°Cto +125°C.
3
Maximum deviation between +25°Creadings after temperature cycling between −55°Cand +150°C; guaranteed, not tested.
4
Conditions: constant 5 V, constant 125°C;guaranteed,not tested.
5
Leakage current doubles every 10°C.


同様の部品番号 - AD590KF

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590KF AD-AD590KF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590KF AD-AD590KF Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590KF AD-AD590KF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

同様の説明 - AD590KF

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com