データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA105C103KAATB データシート(PDF) 30 Page - AVX Corporation

部品番号 SA105C103KAATB
部品情報  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SA105C103KAATB データシート(HTML) 30 Page - AVX Corporation

Back Button SA105C103KAATB Datasheet HTML 26Page - AVX Corporation SA105C103KAATB Datasheet HTML 27Page - AVX Corporation SA105C103KAATB Datasheet HTML 28Page - AVX Corporation SA105C103KAATB Datasheet HTML 29Page - AVX Corporation SA105C103KAATB Datasheet HTML 30Page - AVX Corporation SA105C103KAATB Datasheet HTML 31Page - AVX Corporation SA105C103KAATB Datasheet HTML 32Page - AVX Corporation SA105C103KAATB Datasheet HTML 33Page - AVX Corporation SA105C103KAATB Datasheet HTML 34Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
28
Axial Leads/SpinGuard®
D
Max.
Max.
L
Lead Length
Min.
L.D.
A
5
E
10
4
Z
A
B
9
1
0
VOLTAGE
(5 = 50V)
TC
(E = Z5U)
AVX
TOLERANCE
(Z = +80, -20%)
YEAR (1999)
WEEK (10th)
CAP CODE
AND MULTIPLIER
ALPHA-ALPHA,
LOT CODE
AB=LOT #2 IN WEEK
SA105E104ZAA
LOT CODE/DATE CODE
=910AB
MARKING (Example)
SpinGuard marking includes full date code/lot code identifi-
cation. A first in the industry, this format provides complete
traceability to all manufacturing processes involving the
basic chip and final assembly. Total Shipment traceability is
also provided.
PACKAGING REQUIREMENTS
A = Standard Reels (see Page 38)
B = 1000 piece reels (distributors only, tight tolerance only)
C = Ammo Pack (see Page 38)
D thru J = See Special Lead Configurations (Page 32)
L = Twin Coat Leads (95/5 Flash Tin/Lead)
M = 26mm tape and reel
N = 26mm ammo pack
HOW TO ORDER
AVX Styles: SA05, SA10, SA11, SA20, SA30, SA40
Part Number Example
SA10
5
E
10
4
Z
A
A
Conformal Axial Size
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate
Packaging/Leads
GENERAL DESCRIPTION
AVX SA Series
Conformally Coated Axial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R , Z5U
50, 100, 200 Volts
Case Material: Epoxy (Flame Retardant to UL Bulletin
492, Par. 280)
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier: First two
digits are the significant figures of capacitance. Third
digit indicates the additional number of zeros. For exam-
ple, order 100,000 pF as 104. (For values below 10 pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): C = ±0.25 pF, D = ±.5 pF, F = ±1%,
G = ±2%, J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: Standard (Solderable)
A
Z
10
4
9
A
B
AVX
TOLERANCE
(Z = +80%, -20%)
YEAR (1999)
CAP CODE
AND MULTIPLIER
LOT CODE
SA055E104ZAA
LOT CODE/DATE CODE
=9AB
SA10, 11, 20, 30, 40
SA05


同様の部品番号 - SA105C103KAATB

メーカー部品番号データシート部品情報
logo
AVX Corporation
SA105C103KAR AVX-SA105C103KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103KAR AVX-SA105C103KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA105C103KAR AVX-SA105C103KAR Datasheet
3Mb / 84P
   GENERAL INFORMATION
SA105C103KAR AVX-SA105C103KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103KAR AVX-SA105C103KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

同様の説明 - SA105C103KAATB

メーカー部品番号データシート部品情報
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com