データシートサーチシステム |
|
AM7996DC データシート(PDF) 11 Page - Advanced Micro Devices |
|
AM7996DC データシート(HTML) 11 Page - Advanced Micro Devices |
11 / 18 page AMD 11 Am7996 ABSOLUTE MAXIMUM RATINGS Storage Temperature –65 °C to +150°C . . . . . . . . . . . Ambient Temperature Under Bias 0 °C to +70°C . . . . . . . . . . . . . . . . . . . . . . Supply Voltages (VEE, VTX–) –12.0 V to +0.5 V . . . . . DC Input Voltage (D0+, D0–) –12.0 V to +0.5 V . . . . DC Input Voltage (RXT) –6 V to +0.5 V . . . . . . . . . . . Stresses above those listed under Absolute Maximum Rat- ings may cause permanent device failure. Functionality at or above these limits is not implied Exposure to absolute maxi- mum ratings for extended periods may affect device reliability. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA) 0 °C to +70°C . . . . . . . Supply Voltage (VEE) –8.1 V to –9.9 V . . . . . . . . . . Operating ranges define those limits between which the func- tionality of the device is guaranteed |
同様の部品番号 - AM7996DC |
|
同様の説明 - AM7996DC |