データシートサーチシステム |
|
TPD1XGKZRC00054G データシート(PDF) 2 Page - OPLINK Communications Inc. |
|
TPD1XGKZRC00054G データシート(HTML) 2 Page - OPLINK Communications Inc. |
2 / 9 page TPD1XGKZRxxG Oplink Communications, Inc S0252. Rev.04. (web) 2012-08-08 2 Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-60825 standards. They must be operated under specified operating conditions. Oplink Communications, Inc. DATE OF MANUFACTURE: This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Receiver Performance Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Transmitter Performance Characteristics Parameter Symbol Minimum Typical Maximum Units Data Rate B - 10.3125 - Gb/s Center Wavelength 1 λ C See Ordering Information Table nm Average Optical Output Power PAvg 0 - + 5 dBm Extinction Ratio ER 8.2 - - dB Relative Intensity Noise RIN - - - 128 dB/Hz Side Mode Suppression Ratio SMSR 30 - - dB Optical Return Loss Tolerance - - - - 21 dB Optical Output Eye Compliant with IEEE 802.3ae 1 BOL : ±0.05nm from ITU grid; EOL: ±0.1nm from ITU grid. Parameter Symbol Minimum Typical Maximum Units Data Rate B - 10.3125 - Gb/s Wavelength of Operation λ 1530 - 1565 nm Receiver Sensitivity @ 10.3125Gb/s 1 P min_BB - - - 23 dBm Receiver Sensitivity with 80km Fiber@10.3125Gb/s 1 P min_Fiber - - - 20 dBm Maximum Input Optical Power (10 -12 BER) Pmax - 8 - - dBm Receiver Reflectance - - - - 27 dB LOS Hysteresis - 0.5 - - dB LOS Thresholds Increasing Light Input Plos+ - - - 25 dBm Decreasing Light Input Plos- - 38 - - 1 Specified with BER <1x10-12 and PRBS 2 31-1. Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and +25°C ambient temperature. |
同様の部品番号 - TPD1XGKZRC00054G |
|
同様の説明 - TPD1XGKZRC00054G |