データシートサーチシステム |
|
AM29F100T-90EE データシート(PDF) 6 Page - Advanced Micro Devices |
|
AM29F100T-90EE データシート(HTML) 6 Page - Advanced Micro Devices |
6 / 36 page 6 Am29F100 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29F100 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program, and Erase Am29F100 -70 E C OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In (Contact an AMD representative for more infor- mation.) TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector B T Valid Combinations AM29F100T-70, AM29F100B-70 EC, EI, EE, FC, FI, FE, SC, SI, SE AM29F100T-90, AM29F100B-90 AM29F100T-120, AM29F100B-120 AM29F100T-150, AM29F100B-150 |
同様の部品番号 - AM29F100T-90EE |
|
同様の説明 - AM29F100T-90EE |