データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2XGKZRC00044G データシート(PDF) 6 Page - OPLINK Communications Inc.

部品番号 TPD2XGKZRC00044G
部品情報  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRC00044G データシート(HTML) 6 Page - OPLINK Communications Inc.

  TPD2XGKZRC00044G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRC00044G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Oplink Communications, Inc
S0255. Rev.03. (web) 2012-08-08
6
TPD2XGKZRxxG
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales
and Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Package Outline
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRC00061G
- 5°C to +70°C
Commercial
1528.38
196.15
H61
80km
TPD2XGKZRC00060G
- 5°C to +70°C
Commercial
1529.16
196.05
H60
80km
TPD2XGKZRC00059G
- 5°C to +70°C
Commercial
1529.94
195.95
H59
80km
TPD2XGKZRC00058G
- 5°C to +70°C
Commercial
1530.72
195.85
H58
80km
TPD2XGKZRC00057G
- 5°C to +70°C
Commercial
1531.51
195.75
H57
80km
TPD2XGKZRC00056G
- 5°C to +70°C
Commercial
1532.29
195.65
H56
80km
TPD2XGKZRC00055G
- 5°C to +70°C
Commercial
1533.07
195.55
H55
80km
TPD2XGKZRC00054G
- 5°C to +70°C
Commercial
1533.86
195.45
H54
80km
TPD2XGKZRC00053G
- 5°C to +70°C
Commercial
1534.64
195.35
H53
80km
TPD2XGKZRC00052G
- 5°C to +70°C
Commercial
1535.43
195.25
H52
80km
TPD2XGKZRC00051G
- 5°C to +70°C
Commercial
1536.22
195.15
H51
80km
TPD2XGKZRC00050G
- 5°C to +70°C
Commercial
1537.00
195.05
H50
80km
TPD2XGKZRC00049G
- 5°C to +70°C
Commercial
1537.79
194.95
H49
80km
TPD2XGKZRC00048G
- 5°C to +70°C
Commercial
1538.58
194.85
H48
80km
TPD2XGKZRC00047G
- 5°C to +70°C
Commercial
1539.37
194.75
H47
80km
TPD2XGKZRC00046G
- 5°C to +70°C
Commercial
1540.16
194.65
H46
80km


同様の部品番号 - TPD2XGKZRC00044G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD2XGKZRC00023G OPLINK-TPD2XGKZRC00023G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRC00024G OPLINK-TPD2XGKZRC00024G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRC00025G OPLINK-TPD2XGKZRC00025G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRC00026G OPLINK-TPD2XGKZRC00026G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRC00027G OPLINK-TPD2XGKZRC00027G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

同様の説明 - TPD2XGKZRC00044G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com