データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2XGKZRC00031G データシート(PDF) 7 Page - OPLINK Communications Inc.

部品番号 TPD2XGKZRC00031G
部品情報  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRC00031G データシート(HTML) 7 Page - OPLINK Communications Inc.

  TPD2XGKZRC00031G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Oplink Communications, Inc
S0255. Rev.03. (web) 2012-08-08
7
TPD2XGKZRxxG
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRC00045G
- 5°C to +70°C
Commercial
1540.95
194.55
H45
80km
TPD2XGKZRC00044G
- 5°C to +70°C
Commercial
1541.75
194.45
H44
80km
TPD2XGKZRC00043G
- 5°C to +70°C
Commercial
1542.54
194.35
H43
80km
TPD2XGKZRC00042G
- 5°C to +70°C
Commercial
1543.33
194.25
H42
80km
TPD2XGKZRC00041G
- 5°C to +70°C
Commercial
1544.13
194.15
H41
80km
TPD2XGKZRC00040G
- 5°C to +70°C
Commercial
1544.92
194.05
H40
80km
TPD2XGKZRC00039G
- 5°C to +70°C
Commercial
1545.72
193.95
H39
80km
TPD2XGKZRC00038G
- 5°C to +70°C
Commercial
1546.52
193.85
H38
80km
TPD2XGKZRC00037G
- 5°C to +70°C
Commercial
1547.32
193.75
H37
80km
TPD2XGKZRC00036G
- 5°C to +70°C
Commercial
1548.11
193.65
H36
80km
TPD2XGKZRC00035G
- 5°C to +70°C
Commercial
1548.91
193.55
H35
80km
TPD2XGKZRC00034G
- 5°C to +70°C
Commercial
1549.72
193.45
H34
80km
TPD2XGKZRC00033G
- 5°C to +70°C
Commercial
1550.52
193.35
H33
80km
TPD2XGKZRC00032G
- 5°C to +70°C
Commercial
1551.32
193.25
H32
80km
TPD2XGKZRC00031G
- 5°C to +70°C
Commercial
1552.12
193.15
H31
80km
TPD2XGKZRC00030G
- 5°C to +70°C
Commercial
1552.93
193.05
H30
80km
TPD2XGKZRC00029G
- 5°C to +70°C
Commercial
1553.73
192.95
H29
80km
TPD2XGKZRC00028G
- 5°C to +70°C
Commercial
1554.54
192.85
H28
80km
TPD2XGKZRC00027G
- 5°C to +70°C
Commercial
1555.34
192.75
H27
80km
TPD2XGKZRC00026G
- 5°C to +70°C
Commercial
1556.15
192.65
H26
80km
TPD2XGKZRC00025G
- 5°C to +70°C
Commercial
1556.96
192.55
H25
80km
TPD2XGKZRC00024G
- 5°C to +70°C
Commercial
1557.77
192.45
H24
80km
TPD2XGKZRC00023G
- 5°C to +70°C
Commercial
1558.58
192.35
H23
80km
TPD2XGKZRC00022G
- 5°C to +70°C
Commercial
1559.39
192.25
H22
80km
TPD2XGKZRC00021G
- 5°C to +70°C
Commercial
1560.20
192.15
H21
80km
TPD2XGKZRC00020G
- 5°C to +70°C
Commercial
1561.01
192.05
H20
80km
TPD2XGKZRC00019G
- 5°C to +70°C
Commercial
1561.83
191.95
H19
80km
TPD2XGKZRC00018G
- 5°C to +70°C
Commercial
1562.64
191.85
H18
80km
TPD2XGKZRC00017G
- 5°C to +70°C
Commercial
1563.45
191.75
H17
80km
TPD2XGKZRC00016G
- 5°C to +70°C
Commercial
1564.27
191.65
H16
80km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRE00061G
- 5°C to +85°C
Extended
1528.38
196.15
H61
80km
TPD2XGKZRE00060G
- 5°C to +85°C
Extended
1529.16
196.05
H60
80km
TPD2XGKZRE00059G
- 5°C to +85°C
Extended
1529.94
195.95
H59
80km
TPD2XGKZRE00058G
- 5°C to +85°C
Extended
1530.72
195.85
H58
80km
TPD2XGKZRE00057G
- 5°C to +85°C
Extended
1531.51
195.75
H57
80km
TPD2XGKZRE00056G
- 5°C to +85°C
Extended
1532.29
195.65
H56
80km
TPD2XGKZRE00055G
- 5°C to +85°C
Extended
1533.07
195.55
H55
80km
TPD2XGKZRE00054G
- 5°C to +85°C
Extended
1533.86
195.45
H54
80km
TPD2XGKZRE00053G
- 5°C to +85°C
Extended
1534.64
195.35
H53
80km
TPD2XGKZRE00052G
- 5°C to +85°C
Extended
1535.43
195.25
H52
80km
TPD2XGKZRE00051G
- 5°C to +85°C
Extended
1536.22
195.15
H51
80km


同様の部品番号 - TPD2XGKZRC00031G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD2XGKZRC00031G OPLINK-TPD2XGKZRC00031G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

同様の説明 - TPD2XGKZRC00031G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com