データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1XGKZRI00027G データシート(PDF) 9 Page - OPLINK Communications Inc.

部品番号 TPD1XGKZRI00027G
部品情報  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRI00027G データシート(HTML) 9 Page - OPLINK Communications Inc.

  TPD1XGKZRI00027G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRI00027G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
S0252. Rev.04. (web) 2012-08-08
9
TPD1XGKZRxxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2012, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRI00056G
- 40°C to +85°C
Industrial
1532.68
195.6
56
80km
TPD1XGKZRI00055G
- 40°C to +85°C
Industrial
1533.47
195.5
55
80km
TPD1XGKZRI00054G
- 40°C to +85°C
Industrial
1534.25
195.4
54
80km
TPD1XGKZRI00053G
- 40°C to +85°C
Industrial
1535.04
195.3
53
80km
TPD1XGKZRI00052G
- 40°C to +85°C
Industrial
1535.82
195.2
52
80km
TPD1XGKZRI00051G
- 40°C to +85°C
Industrial
1536.61
195.1
51
80km
TPD1XGKZRI00050G
- 40°C to +85°C
Industrial
1537.40
195.0
50
80km
TPD1XGKZRI00048G
- 40°C to +85°C
Industrial
1538.98
194.8
48
80km
TPD1XGKZRI00049G
- 40°C to +85°C
Industrial
1538.19
194.9
49
80km
TPD1XGKZRI00047G
- 40°C to +85°C
Industrial
1539.77
194.7
47
80km
TPD1XGKZRI00046G
- 40°C to +85°C
Industrial
1540.56
194.6
46
80km
TPD1XGKZRI00045G
- 40°C to +85°C
Industrial
1541.35
194.5
45
80km
TPD1XGKZRI00044G
- 40°C to +85°C
Industrial
1542.14
194.4
44
80km
TPD1XGKZRI00043G
- 40°C to +85°C
Industrial
1542.94
194.3
43
80km
TPD1XGKZRI00042G
- 40°C to +85°C
Industrial
1543.73
194.2
42
80km
TPD1XGKZRI00041G
- 40°C to +85°C
Industrial
1544.53
194.1
41
80km
TPD1XGKZRI00040G
- 40°C to +85°C
Industrial
1545.32
194.0
40
80km
TPD1XGKZRI00039G
- 40°C to +85°C
Industrial
1546.12
193.9
39
80km
TPD1XGKZRI00038G
- 40°C to +85°C
Industrial
1546.92
193.8
38
80km
TPD1XGKZRI00037G
- 40°C to +85°C
Industrial
1547.72
193.7
37
80km
TPD1XGKZRI00036G
- 40°C to +85°C
Industrial
1548.51
193.6
36
80km
TPD1XGKZRI00035G
- 40°C to +85°C
Industrial
1549.32
193.5
35
80km
TPD1XGKZRI00034G
- 40°C to +85°C
Industrial
1550.12
193.4
34
80km
TPD1XGKZRI00033G
- 40°C to +85°C
Industrial
1550.92
193.3
33
80km
TPD1XGKZRI00032G
- 40°C to +85°C
Industrial
1551.72
193.2
32
80km
TPD1XGKZRI00031G
- 40°C to +85°C
Industrial
1552.52
193.1
31
80km
TPD1XGKZRI00030G
- 40°C to +85°C
Industrial
1553.33
193.0
30
80km
TPD1XGKZRI00029G
- 40°C to +85°C
Industrial
1554.13
192.9
29
80km
TPD1XGKZRI00028G
- 40°C to +85°C
Industrial
1554.94
192.8
28
80km
TPD1XGKZRI00027G
- 40°C to +85°C
Industrial
1555.75
192.7
27
80km
TPD1XGKZRI00026G
- 40°C to +85°C
Industrial
1556.55
192.6
26
80km
TPD1XGKZRI00025G
- 40°C to +85°C
Industrial
1557.36
192.5
25
80km
TPD1XGKZRI00024G
- 40°C to +85°C
Industrial
1558.17
192.4
24
80km
TPD1XGKZRI00023G
- 40°C to +85°C
Industrial
1558.98
192.3
23
80km
TPD1XGKZRI00022G
- 40°C to +85°C
Industrial
1559.79
192.2
22
80km
TPD1XGKZRI00021G
- 40°C to +85°C
Industrial
1560.61
192.1
21
80km
TPD1XGKZRI00020G
- 40°C to +85°C
Industrial
1561.42
192.0
20
80km
TPD1XGKZRI00019G
- 40°C to +85°C
Industrial
1562.23
191.9
19
80km
TPD1XGKZRI00018G
- 40°C to +85°C
Industrial
1563.05
191.8
18
80km
TPD1XGKZRI00017G
- 40°C to +85°C
Industrial
1563.86
191.7
17
80km
TPD1XGKZRI00016G
- 40°C to +85°C
Industrial
1564.68
191.6
16
80km


同様の部品番号 - TPD1XGKZRI00027G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD1XGKZRI00028G OPLINK-TPD1XGKZRI00028G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00029G OPLINK-TPD1XGKZRI00029G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

同様の説明 - TPD1XGKZRI00027G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com