データシートサーチシステム |
|
SS-5867-00-10-SA-12-35-1 データシート(PDF) 4 Page - Emcore Corporation |
|
SS-5867-00-10-SA-12-35-1 データシート(HTML) 4 Page - Emcore Corporation |
4 / 7 page SATCOM satcom-sales@emcore.com www.emcore.com Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice. © 2013 EMCORE Corporation | REV 2013.10 +1 626-293-3400 DATASHEET | OCTOBER 2013 Link Performance - C-Band Uplink Parameter Symbol Condition Min Typical Max Units RF Bandwidth - - 5.850 - 6.725 GHz Link Gain (+0 dBmo Rx optical input) *^ G G @ 5.850 GHz @ 6.725 GHz -2 -2 2 2 - - dB dB Link Gain (+10 dBmo Rx optical input) *^ G G @ 5.850 GHz @ 6.725 GHz 18 18 22 22 - - dB dB Noise Figure (+0 dBmo Rx optical input) ^ NF NF @ 5.850 GHz @ 6.725 GHz 12 12 - - - - dB dB Noise Figure (+10 dBmo Rx optical input) ^ NF NF @ 5.850 GHz @ 6.725 GHz 7 7 - - - - dB dB Input IP3 ^ IIP3 IIP3 @ 5.850 GHz @ 6.725 GHz - - -6 -5 - - dBm dBm Spurious Free Dynamic Range ^ SFDR SFDR @ 0 dBmo Rx Optical Input @ +10 dBmo Rx Optical Input 101 105 - - -- -- dB-Hz2/3 dB-Hz2/3 Gain Variation - - Any 36 MHz Any 500 MHz - - - - 0.5 1.5 dB P-P dB P-P *Receiver RF output will change 2 dB for each 1 dB of RX optical input power level change ^Performance based on OTS-2T/S5 with RF Amp gain of 35 dB, OTS-2R/S5 with RF Amp gain of 15 dB Link Performance - C-Band Downlink Parameter Symbol Condition Min Typical Max Units RF Bandwidth - - 3.400 - 4.200 GHz Link Gain (+0 dBmo Rx optical input) *^ G G @ 3.400 GHz @ 4.200 GHz 0 0 4 4 - - dB dB Link Gain (+10 dBmo Rx optical input) *^ G G @ 3.400 GHz @ 4.200 GHz 20 20 24 24 - - dB dB Noise Figure (+0 dBmo Rx optical input) ^ NF NF @ 3.400 GHz @ 4.200 GHz 12 12 - - - - dB dB Noise Figure (+10 dBmo Rx optical input) ^ NF NF @ 3.400 GHz @ 4.200 GHz 7 7 - - - - dB dB Input IP3 ^ IIP3 IIP3 @ 3.400 GHz @ 4.200 GHz - - -6 -5 - - dBm dBm Spurious Free Dynamic Range ^ SFDR SFDR @ 0 dBmo Rx Optical Input @ +10 dBmo Rx Optical Input 101 105 - - - - dB-Hz2/3 dB-Hz2/3 Gain Variation - - Any 36 MHz Any 500 MHz - - - - 0.5 1.5 dB dB *Receiver RF output will change 2 dB for each 1 dB of Rx optical input power level change ^Performance based on OTS-2T/S5 with RF Amp gain of 35 dB, OTS-2R/S5 with RF Amp gain of 15 dB Optiva OTS-2 C-Band RF Fiber Optic Links |
同様の部品番号 - SS-5867-00-10-SA-12-35-1 |
|
同様の説明 - SS-5867-00-10-SA-12-35-1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |