データシートサーチシステム |
|
SS-3442-20-10-FA-12-35-1 データシート(PDF) 3 Page - Emcore Corporation |
|
SS-3442-20-10-FA-12-35-1 データシート(HTML) 3 Page - Emcore Corporation |
3 / 7 page SATCOM satcom-sales@emcore.com www.emcore.com Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice. © 2013 EMCORE Corporation | REV 2013.10 +1 626-293-3400 DATASHEET | OCTOBER 2013 Transmitter & Receiver Optical Characteristics Parameter Symbol Condition Min Typical Max Units Wavelength l - 1530 1550 1562 nm Optical Output Power PL - 9 10 11 dBmo Connector Return Loss - - 40 - - dB Optical Connector Type - SC/APC - - - - Receiver Optical Input Power Pin - - - +10 dBmo Receiver Responsivity - - 0.7 - - A/W Note: In order to prevent reflection-induced distortion degradation, the laser should be connected to an optical cable having a return loss of at least 55 dB for discrete reflections and 30 dB for distributed reflections. C-Band Transmitter & Receiver RF Characteristics Parameter Condition Min Typical Max Units Operational Bandwidth - 3.400 5.850 - - 4.200 6.725 GHz GHz RF Input Impedance - - 50 - Ω RF Return Loss - - - -15 dB RF Connectors SMA Female RF Test Point Reference Value, Relative to RF input or RF output * - -18 -20 -22 dB *Test point performance beyond the stated frequency range is provided; only the test point reference value tolerance may increase beyond the above stated +/- 1 dB DC Power Consumption - Max Module Type Input Voltage (VDC) Max Current (@+70 °C) Transmitter +12 1 A Receiver +12 750 mA Optiva OTS-2 C-Band RF Fiber Optic Links All modules are compliant with SNMP v.1 supported through the Optiva NMS card (OPV-CTLR-IC) Network Management |
同様の部品番号 - SS-3442-20-10-FA-12-35-1 |
|
同様の説明 - SS-3442-20-10-FA-12-35-1 |