データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP0-A04I データシート(PDF) 8 Page - Panasonic Semiconductor

部品番号 FP0-A04I
部品情報  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FP0-A04I データシート(HTML) 8 Page - Panasonic Semiconductor

Back Button FP0-A04I Datasheet HTML 4Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 5Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 6Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 7Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 8Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 9Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 10Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 11Page - Panasonic Semiconductor FP0-A04I Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
5
Adhesive
Stepping motor
Servo motor
Motor
driver
1
Y0
Pulse output CW
Y1
Pulse output CCW
Y3
Pulse output CW
Y4
Pulse output CCW
Motor
driver
2
FP
∑ (Sigma)
Motor
driver
Motor
driver
8
FP
S (Sigma) positioning
Specially designed for positioning applications
Max. 100kHz pulse output performance is now standard.
Powerful device capable of linear interpolation and circular interpolation.
Pulse output max. 100kHz
Because command processing at speeds up to 100kHz is available,
high-speed, high-precision positioning is enabled. Along with stepping
motor control, the specs also ensure plenty of scope for controlling
servo motors.
Possible to combine with pulse-train input drivers
Single unit enables two-axis control
Rapid 0.02ms start (when JOG operation controls are executed)
The time taken to execute the JOG operation, from the instant the trigger (execution condition) goes on to the time of pulse output,
is 0.02ms and 0.2ms even with trapezoidal control. Control time is reduced even for machines that quickly and repeatedly restart.
And there’s more:
Smooth acceleration/deceleration
You can choose to set either 30 or 60 steps of acceleration/
deceleration. This feature means you can achieve smoother
movement during long acceleration/ deceleration periods of
stepping motors.
The settings are there for a maximum 60 accelaration/
deceleration steps.
Support for CW/CCW method
Reduce overall costs by designing systems that combine with
servo motors and small stepping motors without support for
Pulse and Sign method.
Linear interpolation and circular interpolation are built in
(FPG-C32T2H-A and FPG-C28P2H-A)
Interpolation functions enable simultaneous control of two axes.
Applications that a compact PLC couldn‘t previously cope with are
no longer a challenge.
Linear Interpolation
Circular Interpolation
09/2008


同様の部品番号 - FP0-A04I

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
FP0-A04I PANASONIC-FP0-A04I Datasheet
2Mb / 20P
   4-axis pulse output in a compact body
More results

同様の説明 - FP0-A04I

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com