データシートサーチシステム |
|
FP0-RTD6 データシート(PDF) 6 Page - Panasonic Semiconductor |
|
FP0-RTD6 データシート(HTML) 6 Page - Panasonic Semiconductor |
6 / 24 page FP0-E8YRSA 8 points 4 points Output 4 points FP0-A04I 4 points Output 4 points FP0-A04V FP0-A80A 8 points Input 8 points 3 points FP0-A21A Input 2 points Output 1 point 4 points Input 4 points FP0-TC4 8 points Input 8 points FP0-TC8 6 points Input 6 points FP0-RTD6 MEWNET-F FP0-IOL (MEWNET-F Slave) PROFIBUS FP0-DPS2 (DP Slave) or Remote I/O Ethernet FPWEB2 (Web-Server unit) 6 FP S (Sigma) expansion units – right side Wide variety of expansion units Transistor output type Digital I/O units FP0-E8RSA FP0-E8XA 8 points Input 8 points FP0-E16XA 16 points Input 16 points Input 4 points Option: Output 8 points Output 4 points FP0-E8YPA (PNP) FP0-E8YTA (NPN) 8 points Output 8 points FP0-E16PA (PNP) FP0-E16TA (NPN) 16 points Input 8 points Output 8 points FP0-E16YPA(PNP) FP0-E16YTA (NPN) 16 points Output 16 points FP0-E16RSA 16 points Input 8 points Output 8 points A maximum of 3 FP0 expansion units can be added to the FP S (Sigma) CPU unit. Analog I/O units Temperature control units Input (12bit): • ±10V, 0–5V, 0–20mA Output (12bit): • ±10V, 0–20mA AC power supply FP0-E32RS 32 points Input 16 points Output 16 points – – 4–20mA – – ±10V ± 10V, ± 100mV 0–5V, 0–20mA K, J, T, R type thermocouples can be used • Resolution: 0.1°C • Accuracy: 0.8°C (R type: 3°C) • Temperature range: -100 to 1500°C • Pt100, Pt1000, • Ni1000 Temperature range: • -200 to 500°C Networking units FP0-E32PA (PNP) FP0-E32TA (NPN) 32 points Input 16 points Output 16 points Relay output type Input only type Input 85 to 265VAC Output 24V DC/2,1A Terminal type FPPS24050ED Input 85 to 265VAC Output 24V DC/0,7A Terminal type FP0PSA2 09/2008 |
同様の部品番号 - FP0-RTD6 |
|
同様の説明 - FP0-RTD6 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |