データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7243SQ883B データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 AD7243SQ883B
部品情報  STANDARD MICROCIRCUIT DRAWING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD7243SQ883B データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  AD7243SQ883B Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7243SQ883B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93204
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/,2/
VDD to AGND, DGND ....................................................................................... -0.3 V dc to +17 V dc
VSS to AGND, DGND ....................................................................................... +0.3 V dc to -17 V dc
AGND to DGND ............................................................................................... -0.3 V dc to VDD + 0.3 V dc
VOUT to AGND 3/ ............................................................................................ -6 V dc to VDD + 0.3 V dc
REFOUT to AGND........................................................................................... 0 V dc to VDD
REFIN to AGND............................................................................................... -0.3 V dc to VDD + 0.3 V dc
Digital inputs to DGND ..................................................................................... -0.3 V dc to VDD + 0.3 V dc
SDO to DGND.................................................................................................. -0.3 V dc to VDD + 0.3 V dc
Storage temperature range .............................................................................. -65
°C to +150°C
Lead temperature (soldering, 10 seconds)....................................................... +300
°C
Power dissipation (PD) (TA = +75°C) 4/ .......................................................... 450 mW
1.4 Recommended operating conditions.
Positive supply voltage range (VDD) ................................................................. +12 V dc to +15 V dc 5/
Negative supply voltage range (VSS) ................................................................ 0 V dc or -12 V dc to -15 V dc 5/
Voltage reference input (REFIN) ...................................................................... +5 V dc
Ambient operating temperature range.............................................................. -55
°C to +125°C
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Copies of these documents are available online at http://assist.daps.dla.mil/quicksearch/ or http://assist.daps.dla.mil or
from the Standardization Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
2.2 Order of precedence. In the event of a conflict between the text of this drawing and the references cited herein, the text of
this drawing takes precedence. Nothing in this document, however, supersedes applicable laws and regulations unless a
specific exemption has been obtained.
________
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/
TA = +25°C unless otherwise specified.
3/
The outputs may be shorted to voltages in this range provided the power dissipation of the package is as specified. Short
circuit current is typically 80 mA.
4/
Derate power dissipation above TA = +75°C by 6 mW/°C.
5/
Power supply tolerance
±5%.


同様の部品番号 - AD7243SQ883B

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7243SQ2 AD-AD7243SQ2 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243SQ2 AD-AD7243SQ2 Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243SQ2 AD-AD7243SQ2 Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

同様の説明 - AD7243SQ883B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com