データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPP1XGDS0C000E2G データシート(PDF) 3 Page - OPLINK Communications Inc.

部品番号 TPP1XGDS0C000E2G
部品情報  850nm SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP1XGDS0C000E2G データシート(HTML) 3 Page - OPLINK Communications Inc.

  TPP1XGDS0C000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oplink Communications, Inc
Receiver Electrical Interface
Electrical Power Supply Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Connector Pin-out
Transmitter Electrical Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VEET
TD+
TD-
VEET
VCCT
VCCR
VEER
RD+
RD-
VEER
VEER
RS1
RX_LOS
RS0
MOD-ABS
SCL
SDA
TX_DISABLE
TX_FAULT
VEET
TOWARD
HOST
TOWARD
BEZEL
TPP1XGDS0xG
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
V
CC
3.13
3.30
3.47
V
DC Common Mode Voltage
V
CM
0
-
3.6
V
Supply Current 1
I
CC
-
-
280
mA
Power Consumption
P
W
-
0.6
1.0
W
1
Measured at 3.47V, EOL, 70°C case
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-)
Z
d
-
100
-
Ω
Differential Output Swing
V
PP-DIFF
300
450
850
mV
Output Rise and Fall time 20% to 80%
t
RH, tFH
24
-
-
ps
Output HIGH Voltage (LOS) 1
V
OH
V
CC - 1.3
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 1
V
OL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
3
21737-0983. Rev.05. 2011-02-23
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Impedance
Z
d
-
100
-
Ω
Differential Input Voltage Swing
V
PP-DIFF
180
-
700
mV
Input HIGH Voltage (TX Disable) 1
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 1
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 2
V
OL
0
-
0.8
V
1
There is an internal 4.7k to 10kΩ pull-up resistor to VccT.
2
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


同様の部品番号 - TPP1XGDS0C000E2G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPP1XGDS0C000E2G OPLINK-TPP1XGDS0C000E2G Datasheet
265Kb / 6P
   Transceiver
More results

同様の説明 - TPP1XGDS0C000E2G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
   10Gb/1Gb Ethernet, 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Pulse A Technitrol Comp...
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
   ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-SR3-01 PULSE-SFPPT-SR3-01 Datasheet
300Kb / 8P
   10Gb/s 850nm Multi-mode SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-1000SX-C ATGBICS-SFP-1000SX-C Datasheet
293Kb / 8P
   SFP-1000SX NetScout Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com