データシートサーチシステム |
|
ST62T25LD1 データシート(PDF) 7 Page - STMicroelectronics |
|
ST62T25LD1 データシート(HTML) 7 Page - STMicroelectronics |
7 / 105 page ST6215C ST6225C 7/105 2 PIN DESCRIPTION Figure 2. 28-Pin Package Pinout Table 1. Device Pin Description 15 16 17 18 19 20 28 27 26 25 24 23 22 21 1 2 3 4 5 6 7 8 9 10 11 12 13 14 VDD TIMER Ain/PB5 Ain/PB6 Ain/PB7 RESET VPP Ain/PC4 Ain/PC5 Ain/PC6 Ain/PC7 NMI OSCout OSCin VSS PA0/20mA Sink PB4/Ain PB3/Ain PB2/Ain PB1/Ain PB0/Ain PA7/Ain PA6/Ain PA5/Ain PA4/Ain PA3/20mA Sink PA2/20mA Sink PA1/20mA Sink it2 it1 it2 itX associated interrupt vector it2 Pin n° Pin Name Main Function (after Reset) Alternate Function 1 VDD S Main power supply 2 TIMER I/O Timer input or output 3 OSCin I External clock input or resonator oscillator inverter input 4 OSCout O Resonator oscillator inverter output or resistor input for RC oscillator 5 NMI I Non maskable interrupt (falling edge sensitive) 6 PC7/Ain I/O Pin C7 (IPU) Analog input 7 PC6/Ain I/O Pin C6 (IPU) Analog input 8 PC5/Ain I/O Pin C5 (IPU) Analog input 9 PC4/Ain I/O Pin C4 (IPU) Analog input 10 VPP Must be held at Vss for normal operation, if a 12.5V level is applied to the pin during the reset phase, the device enters EPROM programming mode. 11 RESET I/O Top priority non maskable interrupt (active low) 12 PB7/Ain I/O Pin B7 (IPU) Analog input 13 PB6/Ain I/O Pin B6 (IPU) Analog input 5 |
同様の部品番号 - ST62T25LD1 |
|
同様の説明 - ST62T25LD1 |