データシートサーチシステム |
|
TL4050-Q1 データシート(PDF) 4 Page - Texas Instruments |
|
TL4050-Q1 データシート(HTML) 4 Page - Texas Instruments |
4 / 20 page DVZ DIZ TL4050-Q1 SLOS588F – JUNE 2008 – REVISED APRIL 2013 www.ti.com TL4050x20-Q1 ELECTRICAL CHARACTERISTICS at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted) TL4050A20-Q1 TL4050B20-Q1 TL4050C20-Q1 PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX Reverse VZ breakdown IZ = 100 μA 25°C 2.048 2.048 2.048 V voltage Reverse 25°C –2.048 2.048 –4.096 4.096 –10.24 10.24 breakdown ΔVZ IZ = 100 μA mV Full voltage –12.288 12.288 –14.7456 14.7456 –17.2032 17.2032 range tolerance 25°C 41 60 41 60 41 60 Minimum IZ,min cathode μA Full 65 65 65 current range IZ = 10 mA 25°C ±20 ±20 ±20 Average temperature IZ = 1 mA 25°C ±15 ±15 ±15 coefficient of αVZ ppm/°C 25°C ±15 ±15 ±15 reverse breakdown IZ = 100 μA Full ±50 ±50 ±50 voltage range 25°C 0.3 0.8 0.3 0.8 0.3 0.8 Reverse IZ,min < IZ < 1 mA breakdown Full 1.2 1.2 1.2 voltage range change with mV 25°C 2.3 6 2.3 6 2.3 6 cathode current 1 mA < IZ < 15 mA Full 8 8 8 change range Reverse IZ = 1 mA, ZZ dynamic f = 120 Hz, 25°C 0.3 0.3 0.3 Ω impedance IAC = 0.1 IZ Wideband IZ = 100 μA, eN 25°C 34 34 34 μVRMS noise 10 Hz ≤ f ≤ 10 kHz Long-term stability of t = 1000 h, reverse TA = 25°C ± 0.1°C, 120 120 120 ppm breakdown IZ = 100 μA voltage Thermal VHYST ΔTA = –40°C to 125°C 0.7 0.7 0.7 mV hysteresis(1) (1) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). 4 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated |
同様の部品番号 - TL4050-Q1 |
|
同様の説明 - TL4050-Q1 |