データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7981ATR データシート(PDF) 7 Page - STMicroelectronics

部品番号 L7981ATR
部品情報  3 A step-down switching regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981ATR データシート(HTML) 7 Page - STMicroelectronics

Back Button L7981ATR Datasheet HTML 3Page - STMicroelectronics L7981ATR Datasheet HTML 4Page - STMicroelectronics L7981ATR Datasheet HTML 5Page - STMicroelectronics L7981ATR Datasheet HTML 6Page - STMicroelectronics L7981ATR Datasheet HTML 7Page - STMicroelectronics L7981ATR Datasheet HTML 8Page - STMicroelectronics L7981ATR Datasheet HTML 9Page - STMicroelectronics L7981ATR Datasheet HTML 10Page - STMicroelectronics L7981ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
L7981
Electrical characteristics
Doc ID 15182 Rev 3
7/44
VCH
High level output voltage
VFB<0.6V
3
V
VCL
Low level output voltage
VFB>0.6V
0.1
IO SOURCE Source COMP pin
VFB=0.5V, VCOMP=1V
17
mA
IO SINK
Sink COMP pin
VFB=0.7V, VCOMP=1V
25
mA
GV
Open loop voltage gain
(2)
100
dB
Synchronization function
High input voltage
2
3.3
V
Low input voltage
1
Slave sink current
VSYNCH=2.9V
0.7
0.9
mA
Master output amplitude
ISOURCE=4.5mA
2.0
V
Output pulse width
SYNCH floating
110
ns
Input pulse width
70
Protection
TSHDN
Thermal shutdown
150
°C
Hysteresis
30
1.
Specification referred to TJ from -40 to +125°C. Specification in the -40 to +125°C temperature range are
assured by design, characterization and statistical correlation.
2.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max


同様の部品番号 - L7981ATR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
More results

同様の説明 - L7981ATR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
   3 A step-down switching regulator
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
   3 A step-down monolithic switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com