データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4T32-BR12SH1TR データシート(PDF) 4 Page - STMicroelectronics

部品番号 M4T32-BR12SH1TR
部品情報  TIMEKEEPER SNAPHAT (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH1TR データシート(HTML) 4 Page - STMicroelectronics

  M4T32-BR12SH1TR Datasheet HTML 1Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 2Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 3Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 4Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
List of figures
M4T28-BR12SH, M4T32-BR12SH
4/16
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
SNAPHAT® insertion/extraction forces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Battery discharge rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
DIP extractor tool . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package outline . . . . . . . . 11
Figure 6.
SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal, package outline . . . . . . . 12
Figure 7.
Recycling symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


同様の部品番号 - M4T32-BR12SH1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4T32-BR12SH1TR STMICROELECTRONICS-M4T32-BR12SH1TR Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T32-BR12SH1TR STMICROELECTRONICS-M4T32-BR12SH1TR Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
More results

同様の説明 - M4T32-BR12SH1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M4ZXX-BR00SH STMICROELECTRONICS-M4ZXX-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_03 Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
logo
Texas Instruments
BQ48SH TI1-BQ48SH Datasheet
126Kb / 7P
[Old version datasheet]   SNAPHAT??WITH INTEGRATED BATTERT AND CRYSTAL
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com