データシートサーチシステム |
|
AM29LV020BT-70JIB データシート(PDF) 7 Page - Advanced Micro Devices |
|
AM29LV020BT-70JIB データシート(HTML) 7 Page - Advanced Micro Devices |
7 / 7 page 2/9/98 Am29LV020B 7 ADV ANCE I N FO RMAT I O N ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Trademarks Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. DEVICE NUMBER/DESCRIPTION Am29LV020B 2 Megabit (256 K x 8-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase C E -55R Am29LV020B T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE P = 32-Pin Plastic Dual In-Line Package (PD 032) J = 32-Pin Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LV020B-55 JC, JI, EC, EI, FC, FI Am29LV020B-70 JC, JI, JE, EC, EI, EE, FC, FI, FE Am29LV020B-90 Am29LV020B-120 |
同様の部品番号 - AM29LV020BT-70JIB |
|
同様の説明 - AM29LV020BT-70JIB |