データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT72241L25RJ データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74ACT72241L25RJ
部品情報  SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT72241L25RJ データシート(HTML) 3 Page - Texas Instruments

  SN74ACT72241L25RJ Datasheet HTML 1Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 2Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 3Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 4Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 5Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 6Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 7Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 8Page - Texas Instruments SN74ACT72241L25RJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, SN74ACT72241L
512 × 9, 1024 × 9, 2048 × 9, AND 4096 × 9
SYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS222 − FEBRUARY 1993 − REVISED JUNE 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
D0 − D8
6− 1,
32 − 30
I
Data inputs
EF
14
O
Empty-flag. When memory is empty, EF is low and further data reads are ignored by the device. When EF is
high, the memory is not empty and data reads are allowed. EF is synchronized to RCLK by one flip-flop.
FF
15
O
Full-flag. When memory is full, FF is low and data writes are inhibited. FF is synchronized to WCLK by one
flip-flop.
GND
9
Ground
OE
13
I
Output-enable. Q0 − Q8 are in the high-impedance state when OE is high. Q0 − Q8 are active when OE is low.
PAE
8
O
Programmable almost-empty-flag. PAE is low when the FIFO is almost empty based on the value in its offset
register. The default value for the register is empty + 7. PAE is synchronized to RCLK by one flip-flop.
PAF
7
O
Programmable almost-full-flag. PAF is low when the FIFO is almost full based on the value in its offset register.
The default value for the register is full − 7. PAF is synchronized to WCLK by one flip-flop.
Q0 − Q8
16 − 24
O
Data outputs
RCLK
11
I
Read-clock. A data read is performed by the low-to-high transition of RCLK when REN1 and REN2 are
asserted and EF is high.
REN1,
REN2
10,
11
I
Read-enable. Data is read from the FIFO on a low-to-high transition of RCLK when REN1 and REN2 are low
and EF is high.
RS
29
I
Reset. When RS is set low, the read and write pointers are initialized to the first RAM location and the FIFO
is empty. FF and PAF are set high, and EF and PAE are set low. Each bit in the data output register is set low
by a device reset. The FIFO must be reset after power up before data is written.
VCC
Supply voltage
WCLK
27
I
Write-clock. Data is written by the low-to-high transition of WCLK when WEN1 and WEN2/LD are asserted and
FF is high.
WEN1
28
I
Write-enable 1. WEN1 is the only write enable terminal if the device is configured to have programmable flags.
Data is written on a low-to-high transition of WCLK when WEN1 is low and FF is high. If the FIFO is not
configured for programmable flags, data is written on a low-to-high transition of WCLK when WEN1 and WEN2
are asserted and FF is high.
WEN2/LD
26
I
Write-enable 2 / load. This is a dual-purpose input. The FIFO can have either two write enables or
programmable flags. To use WEN2/LD as a WEN2, WEN2/LD must be held high at reset. When WEN2 and
WEN1 are asserted and FF is high, a low-to-high transition of WCLK writes data. To use WEN2/LD as the LD
terminal, it must be held low at reset. In this case, LD is asserted low to write or read the programmable offset
registers.


同様の部品番号 - SN74ACT72241L25RJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT72241L25RJ TI1-SN74ACT72241L25RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74ACT72241L25RJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com